Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM60 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM60
Description  2.7V, SOT-23 or TO-92 Temperature Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60 Datasheet(HTML) 5 Page - Texas Instruments

  LM60 Datasheet HTML 1Page - Texas Instruments LM60 Datasheet HTML 2Page - Texas Instruments LM60 Datasheet HTML 3Page - Texas Instruments LM60 Datasheet HTML 4Page - Texas Instruments LM60 Datasheet HTML 5Page - Texas Instruments LM60 Datasheet HTML 6Page - Texas Instruments LM60 Datasheet HTML 7Page - Texas Instruments LM60 Datasheet HTML 8Page - Texas Instruments LM60 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SVA-1268122
SVA-1268111
SVA-1268112
LM60/LM60-Q1
www.ti.com
SNIS119D – MAY 2004 – REVISED NOVEMBER 2012
TYPICAL CHARACTERISTICS (continued)
To generate these curves the LM60/LM60-Q1 was mounted to a printed circuit board as shown in Figure 13.
Noise Voltage
Supply Voltage vs Supply Current
Figure 10.
Figure 11.
Start-Up Response
Figure 12.
Copyright © 2004–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM60/LM60-Q1


Similar Part No. - LM60

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60 NSC-LM60 Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 NSC-LM60 Datasheet
637Kb / 11P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60-Q1 TI-LM60-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   LM60 and LM60-Q1 2.7-V, SOT-23 or TO-92 Temperature Sensor
logo
Shanghai Leiditech Elec...
LM6002 LEIDITECH-LM6002 Datasheet
1Mb / 5P
   N-Channel MOSFET
LM6003 LEIDITECH-LM6003 Datasheet
1Mb / 6P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - LM60

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 NSC-LM60 Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61 Datasheet
242Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60BIM3 TI1-LM60BIM3 Datasheet
1Mb / 17P
[Old version datasheet]   LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 TI-LM61_15 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61BIM3 TI-LM61BIM3 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61CIM3 TI1-LM61CIM3 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
SM73710 TI-SM73710 Datasheet
374Kb / 12P
[Old version datasheet]   SM73710 2.7V, SOT-23 Temperature Sensor
logo
National Semiconductor ...
LM62 NSC-LM62 Datasheet
218Kb / 7P
   2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com