Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM10011 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM10011
Description  6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM10011 Datasheet(HTML) 2 Page - Texas Instruments

  LM10011 Datasheet HTML 1Page - Texas Instruments LM10011 Datasheet HTML 2Page - Texas Instruments LM10011 Datasheet HTML 3Page - Texas Instruments LM10011 Datasheet HTML 4Page - Texas Instruments LM10011 Datasheet HTML 5Page - Texas Instruments LM10011 Datasheet HTML 6Page - Texas Instruments LM10011 Datasheet HTML 7Page - Texas Instruments LM10011 Datasheet HTML 8Page - Texas Instruments LM10011 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
VDD
IDAC_OUT
GND
VIDS
VIDC
VIDB
VIDA
SET
1
3
2
5
4
10
9
8
7
6
DAP
EN
MODE
LM10011
SNVS822 – DECEMBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
CONNECTION DIAGRAM
SON-10 3mm x 3mm
0.5mm pitch
TOP VIEW
PIN DESCRIPTIONS
PIN
DESCRIPTION
NAME
NO.
GND
1
Ground.
IDAC_OUT
2
Output pin of the current DAC that connects to the feedback node of the regulator.
Positive supply input. Operating voltage is 2.97V to 5.5V. It is recommended to add a small 1nF or greater
VDD
3
bypass capacitor from this pin to GND.
EN
4
Precision enable input. The LM10011 will operate when the EN pin voltage exceeds 1.34V.
MODE will set the VID operating mode. Connecting MODE to VDD will select a 4-bit parallel interface.
MODE
5
Connecting MODE to GND will select a 4 pin, 6-bit interface.
A resistor connected from SET to GND will set the start-up code (current) at the IDAC_OUT pin. There are
SET
6
16 different start-up codes to select from.
VID digital input. In 6-bit mode: Bit 0 when VIDS transitions low; Bit 3 when VIDS transitions high. In 4-bit
VIDA
7
mode: Bit 0.
VID digital input. In 6-bit mode: Bit 1 when VIDS transitions low; Bit 4 when VIDS transitions high. In 4-bit
VIDB
8
mode: Bit 1.
VID digital input. In 6-bit mode: Bit 2 when VIDS transitions low; Bit 5 when VIDS transitions high. In 4-bit
VIDC
9
mode: Bit 2.
VID select line. In 6-bit mode: Transition low selects lower 3 bits, Transition high selects upper 3 bits and
VIDS
10
updates the IDAC_OUT current to reflect the present VID code. In 4-bit mode: Bit 3.
Die Attach Pad. Not electrically connected to device, connect to system ground plane for reduced thermal
DAP
DAP
resistance.
2
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LM10011


Similar Part No. - LM10011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10011 TI-LM10011_15 Datasheet
942Kb / 24P
[Old version datasheet]   LM10011 6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
More results

Similar Description - LM10011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10011 TI-LM10011_15 Datasheet
942Kb / 24P
[Old version datasheet]   LM10011 6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
logo
Vicor Corporation
PI1004-1 VICOR-PI1004-1 Datasheet
708Kb / 16P
   Programmable Point-of-Load Controller with 6-bit VID
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010 TI-LM10010_15 Datasheet
799Kb / 17P
[Old version datasheet]   LM10010 VID Voltage Programmer for Point of Load Regulator
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Dialog Semiconductor
SLG59M1717V DIALOG-SLG59M1717V Datasheet
526Kb / 22P
   Capacitor adjustable Start-up and In-rush Current Control
logo
Veris. All Rights Reser...
H735 VERIS-H735 Datasheet
782Kb / 2P
   Current Switches with Relay: Adjustable Trip Point
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
   Load Switch with Adjustable Current-Limit Control
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com