Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25019 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM25019
Description  48V, 100mA Constant On-Time Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25019 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM25019 Datasheet HTML 4Page - Texas Instruments LM25019 Datasheet HTML 5Page - Texas Instruments LM25019 Datasheet HTML 6Page - Texas Instruments LM25019 Datasheet HTML 7Page - Texas Instruments LM25019 Datasheet HTML 8Page - Texas Instruments LM25019 Datasheet HTML 9Page - Texas Instruments LM25019 Datasheet HTML 10Page - Texas Instruments LM25019 Datasheet HTML 11Page - Texas Instruments LM25019 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
FB
SW
L1
COUT
RFB2
VOUT
RC
LM25019
+
RFB1
VOUT
(low ripple)
FB
SW
L1
COUT
RFB2
VOUT
RC
LM25019
+
RFB1
VOUT
(low ripple)
RFB2 + RFB1
VOUT = 1.225V x
RFB1
VOUT
gsw =
10
-10 x R
ON
LM25019
SNVS952 – DECEMBER 2012
www.ti.com
In a synchronous buck converter, the low side (sync) FET is ‘on’ when the high side (buck) FET is ‘off’. The
inductor current ramps up when the high side switch is ‘on’ and ramps down when the high side switch is ‘off’.
There is no diode emulation feature in this IC, and therefore, the inductor current may ramp in the negative
direction at light load. This causes the converter to operate in continuous conduction mode (CCM) regardless of
the output loading. The operating frequency remains relatively constant with load and line variations. The
operating frequency can be calculated as follows:
(1)
The output voltage (VOUT) is set by two external resistors (RFB1, RFB2). The regulated output voltage is calculated
as follows:
(2)
(3)
This regulator regulates the output voltage based on ripple voltage at the feedback input, requiring a minimum
amount of ESR for the output capacitor (COUT). A minimum of 25mV of ripple voltage at the feedback pin (FB) is
required for the LM25019. In cases where the capacitor ESR is too small, additional series resistance may be
required (RC in Figure 13 Low Ripple Output Configuration).
For applications where lower output voltage ripple is required the output can be taken directly from a low ESR
output capacitor, as shown in Figure 13 Low Ripple Output Configuration. However, RC slightly degrades the
load regulation.
VCC Regulator
The LM25019 contains an internal high voltage linear regulator with a nominal output of 7.6V. The input pin (VIN)
can be connected directly to the line voltages up to 48V. The VCC regulator is internally current limited to 30mA.
The regulator sources current into the external capacitor at VCC. This regulator supplies current to internal circuit
blocks including the synchronous MOSFET driver and the logic circuits. When the voltage on the VCC pin
reaches the undervoltage lockout threshold of 4.5V, the IC is enabled.
The VCC regulator contains an internal diode connection to the BST pin to replenish the charge in the gate drive
boot capacitor when SW pin is low.
At high input voltages, the power dissipated in the high voltage regulator is significant and can limit the overall
achievable output power. As an example, with the input at 48V and switching at high frequency, the VCC
regulator may supply up to 7mA of current resulting in 48V x 7mA = 336mW of power dissipation. If the VCC
voltage is driven externally by an alternate voltage source, between 8V and 13V, the internal regulator is
disabled. This reduces the power dissipation in the IC.
Figure 13. Low Ripple Output Configuration
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LM25019


Similar Part No. - LM25019

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25019 TI-LM25019 Datasheet
1Mb / 27P
[Old version datasheet]   LM25019 48-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM25019MR TI1-LM25019MR Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM25019MRE TI1-LM25019MRE Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM25019MRX TI1-LM25019MRX Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM25019SD TI1-LM25019SD Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
More results

Similar Description - LM25019

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25017 TI-LM25017 Datasheet
337Kb / 19P
[Old version datasheet]   48V, 650mA Constant On-Time Synchronous Buck Regulator
LM25018 TI-LM25018 Datasheet
337Kb / 18P
[Old version datasheet]   48V, 325mA Constant On-Time Synchronous Buck Regulator
LM5019 TI1-LM5019 Datasheet
419Kb / 17P
[Old version datasheet]   100V, 100mA Constant On-Time Synchronous Buck Regulator
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
LM5018 TI1-LM5018 Datasheet
414Kb / 17P
[Old version datasheet]   100V, 300mA Constant On-Time Synchronous Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017 Datasheet
431Kb / 19P
[Old version datasheet]   100V, 600mA Constant On-Time Synchronous Buck Regulator
logo
National Semiconductor ...
LM2696 NSC-LM2696 Datasheet
833Kb / 19P
   3A, Constant On Time Buck Regulator
logo
Texas Instruments
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
logo
Vishay Siliconix
SIP12117 VISHAY-SIP12117_V01 Datasheet
965Kb / 17P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com