Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F28M36H63B2ZWTS Datasheet(PDF) 8 Page - Texas Instruments

Part # F28M36H63B2ZWTS
Description  Concerto Microcontrollers
Download  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F28M36H63B2ZWTS Datasheet(HTML) 8 Page - Texas Instruments

Back Button F28M36H63B2ZWTS Datasheet HTML 4Page - Texas Instruments F28M36H63B2ZWTS Datasheet HTML 5Page - Texas Instruments F28M36H63B2ZWTS Datasheet HTML 6Page - Texas Instruments F28M36H63B2ZWTS Datasheet HTML 7Page - Texas Instruments F28M36H63B2ZWTS Datasheet HTML 8Page - Texas Instruments F28M36H63B2ZWTS Datasheet HTML 9Page - Texas Instruments F28M36H63B2ZWTS Datasheet HTML 10Page - Texas Instruments F28M36H63B2ZWTS Datasheet HTML 11Page - Texas Instruments F28M36H63B2ZWTS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 202 page
background image
F28M36P63B2, F28M36P63C2
F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2
SPRS825 – OCTOBER 2012
www.ti.com
2.2
Memory Maps
Section 2.2.1 shows the Control Subsystem Memory Map. Section 2.2.2 shows the Master Subsystem
Memory Map.
2.2.1
Control Subsystem Memory Map
Table 2-2. Control Subsystem M0, M1 RAM
C Address
Size
C DMA Access(1)
Control Subsystem M0, M1 RAM
(x16 Aligned)(1)
(Bytes)
no
0000 0000 – 0000 03FF
M0 RAM (ECC)
2K
no
0000 0400 – 0000 07FF
M1 RAM (ECC)
2K
(1)
The letter "C" refers to the Control Subsystem.
Table 2-3. Control Subsystem Peripheral Frame 0 (Includes Analog)
C Address
Control Subsystem Peripheral Frame 0
Size
C DMA Access(1)
(x16 Aligned)(1)
(Includes Analog)
(Bytes)
0000 0800 – 0000 087F
Reserved
Control Subsystem Device Configuration Registers (Read
no
0000 0880 – 0000 0890
34
Only)
0000 0891 – 0000 0ADF
Reserved
no
0000 0AE0 – 0000 0AEF
C28x CSM Registers
32
0000 0AF0 – 0000 0AFF
Reserved
yes
0000 0B00 – 0000 0B0F
ADC1 Result Registers
32
0000 0B10 – 0000 0B3F
Reserved
yes
0000 0B40 – 0000 0B4F
ADC2 Result Registers
32
0000 0B50 – 0000 0BFF
Reserved
no
0000 0C00 – 0000 0C07
CPU Timer 0
16
no
0000 0C08 – 0000 0C0F
CPU Timer 1
16
no
0000 0C10 – 0000 0C17
CPU Timer 2
16
0000 0C18 – 0000 0CDF
Reserved
no
0000 0CE0 – 0000 0CFF
PIE Registers
64
no
0000 0D00 – 0000 0DFF
PIE Vector Table
512
no
0000 0E00 – 0000 0EFF
PIE Vector Table Copy (Read Only)
512
0000 0F00 – 0000 0FFF
Reserved
no
0000 1000 – 0000 11FF
C28x DMA Registers
1K
0000 1200 – 0000 16FF
Reserved
no
0000 1700 – 0000 177F
Analog Subsystem Control Registers
256
no
0000 1780 – 0000 17FF
C Hardware Logic BIST Registers
256
0000 1800 – 0000 3FFF
Reserved
(1)
The letter "C" refers to the Control Subsystem.
8
Device Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - F28M36H63B2ZWTS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36H33B TI1-F28M36H33B Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M36H33B2 TI1-F28M36H33B2 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M36H33B2ZWTQ TI1-F28M36H33B2ZWTQ Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M36H33B2ZWTQ TI1-F28M36H33B2ZWTQ Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M36H33B2ZWTS TI1-F28M36H33B2ZWTS Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
More results

Similar Description - F28M36H63B2ZWTS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1 TI1-F28M35H20B1_12 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com