Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22930 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS22930
Description  ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22930 Datasheet(HTML) 1 Page - Texas Instruments

  TPS22930 Datasheet HTML 1Page - Texas Instruments TPS22930 Datasheet HTML 2Page - Texas Instruments TPS22930 Datasheet HTML 3Page - Texas Instruments TPS22930 Datasheet HTML 4Page - Texas Instruments TPS22930 Datasheet HTML 5Page - Texas Instruments TPS22930 Datasheet HTML 6Page - Texas Instruments TPS22930 Datasheet HTML 7Page - Texas Instruments TPS22930 Datasheet HTML 8Page - Texas Instruments TPS22930 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Power
Supply
ON
OFF
TPS22930
VIN
VOUT
RL
CL
GND
ON
GND
CIN
TPS22930
www.ti.com
SLVSBL3 – NOVEMBER 2012
ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
Check for Samples: TPS22930
1
FEATURES
DESCRIPTION
The TPS22930 is a small, low RON load switch with
Integrated Single Channel Load Switch
controlled turn on. The device contains a P-channel
Ultra Small CSP-4 Package (0.9mm × 0.9mm,
MOSFET that can operate over an input voltage
0.5mm pitch)
range of 1.4V to 5.5V. The switch is controlled by an
Input Voltage Range: 1.4V to 5.5V
on/off input (ON), which is capable of interfacing
directly
with
low-voltage
control
signals.
The
Ultra Low RON Resistance
TPS22930 is active high enable.
RON = 35mΩ at VIN = 5V
The
TPS22930
device
provides
circuit
breaker
RON = 36mΩ at VIN = 3.6V
functionality by disabling the body diode during
RON = 49mΩ at VIN = 1.8V
reverse voltage (also known as reverse current)
2A Maximum Continuous Switch Current
situations. Reverse current protection is active only
when the power-switch is disabled (off). The device
Low Quiescent Current (< 3µA)
disengages the body diode when the output voltage
Low Control Input Threshold Enables Use of
(VOUT) is driven higher than the input (VIN) to stop the
1.2V/1.8V/2.5V/3.3V Logic
flow of current towards the input side of the switch.
Additionally, under-voltage lockout (UVLO) protection
Controlled Slew Rate
turns the switch off if the input voltage is too low.
Under Voltage Lockout
The slew rate of the device is internally controlled in
Reverse Current Protection When Disabled
order to avoid inrush current.
APPLICATIONS
The TPS22930 is available in an ultra-small, space-
saving 4-pin CSP package and is characterized for
Smartphone / Wireless Handsets
operation over the free-air temperature range of
Portable Industrial / Medical Equipment
–40°C to 85°C.
Portable Media Players
Point of Sales Terminals
GPS Navigation Devices
Digital Cameras
Portable Instrumentation
Figure 1. Typical Application
Feature List
RON (typ) at
Rise Time at
Quick Output
Maximum
Device
Enable
4.2V
4.2V (typ)
Discharge(1)
Continuous Current
TPS22930A
35m
Ω
5.4µs
No
2A
Active High
(1)
This feature discharges output of the switch to GND through a resistor, preventing the output from floating when the pass FET is
disabled
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS22930

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22930 TI1-TPS22930 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22930A TI1-TPS22930A Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22930AYZVR TI1-TPS22930AYZVR Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22930AYZVT TI1-TPS22930AYZVT Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
More results

Similar Description - TPS22930

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22912 TI1-TPS22912 Datasheet
744Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22967 TI1-TPS22967 Datasheet
1Mb / 26P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22965 TI1-TPS22965 Datasheet
1Mb / 25P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22966 TI1-TPS22966 Datasheet
858Kb / 26P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com