Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5403DR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5403DR
Description  4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5403DR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS5403DR Datasheet HTML 5Page - Texas Instruments TPS5403DR Datasheet HTML 6Page - Texas Instruments TPS5403DR Datasheet HTML 7Page - Texas Instruments TPS5403DR Datasheet HTML 8Page - Texas Instruments TPS5403DR Datasheet HTML 9Page - Texas Instruments TPS5403DR Datasheet HTML 10Page - Texas Instruments TPS5403DR Datasheet HTML 11Page - Texas Instruments TPS5403DR Datasheet HTML 12Page - Texas Instruments TPS5403DR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ss
ref
ss
ss
C
(nF)
V
(V)
t
(ms)
I
( A)
´
=
m
TPS5403
www.ti.com
SLVSBK5 – SEPTEMBER 2012
Pulse Skipping Mode
The TPS5403 is designed to operate in pulse skipping mode at light load currents to boost light load efficiency.
When the peak inductor current is lower than 300 mA typically, the COMP pin voltage falls to 0.5 V typically and
the device enters pulse skipping mode. When the device is in pulse skipping mode, the COMP pin voltage is
clamped at 0.5 V internally which prevents the high side integrated MOSFET from switching. The peak inductor
current must rise above 300 mA for the COMP pin voltage to rise above 0.5 V and exit pulse skipping mode.
Since the integrated current comparator catches the peak inductor current only, the average load current
entering pulse skipping mode varies with the applications and external output filters.
Voltage Reference (VSENSE)
The voltage reference system produces a ±3% accuracy voltage reference by scaling the output of a temperature
stable bandgap circuit. The typical voltage reference is designed at 0.8 V. For VIN < 6.5 V, in order to maintain a
stable 3.3-V output voltage, a minimum 15-mA current is needed to apply at the output.
Bootstrap Voltage (BOOT)
The TPS5403 has an integrated boot regulator and requires a 0.1-µF ceramic capacitor between the BOOT and
LX pins to provide the gate drive voltage for the high-side MOSFET. A ceramic capacitor with an X7R or X5R
grade dielectric is recommended because of the stable characteristics over temperature and voltage. To improve
drop out, the TPS5403 is designed to operate at 100% duty cycle as long as the BOOT to LX pin voltage is
greater than 2.1 V typically.
Programmable Slow Start Using SS Pin
It is recommended to program the slow start time externally because no slow start time is implemented internally.
The TPS5403 effectively uses the lower voltage of the internal voltage reference or the SS pin voltage as the
power supply’s reference voltage fed into the error amplifier and will regulate the output accordingly. A capacitor
(CSS) on the SS pin to ground implements a slow start time. The TPS5403 has an internal pull-up current source
of 2
μA that charges the external slow start capacitor. The equation for the slow start time (10% to 90%) is
shown in Equation 2. The internal Vref is 0.8 V and the ISS current is 2 μA.
(2)
The slow start time should be set between 1 ms to 10 ms to ensure good start-up behavior. The slow start
capacitor should be no more than 27 nF.
If during normal operation, the input voltage drops below the VIN UVLO threshold, or a thermal shutdown event
occurs, the TPS5403 stops switching.
Error Amplifier
The TPS5403 has a transconductance amplifier for the error amplifier. The error amplifier compares the
VSENSE voltage to the internal effective voltage reference presented at the input of the error amplifier. The
transconductance of the error amplifier is 92
μA/V during normal operation. Frequency compensation
components are connected between the COMP pin and ground.
Slope Compensation
To prevent the sub-harmonic oscillations when operating the device at duty cycles greater than 50%, the
TPS5403 adds a built-in slope compensation which is a compensating ramp to the switch current signal.
Overcurrent Protection and Frequency Shift
The TPS5403 implements current mode control that uses the COMP pin voltage to turn off the high-side
MOSFET on a cycle by cycle basis. Every cycle the switch current and the COMP pin voltage are compared;
when the peak inductor current intersects the COMP pin voltage, the high-side switch is turned off. During
overcurrent conditions that pull the output voltage low, the error amplifier responds by driving the COMP pin high,
causing the switch current to increase. The COMP pin has a maximum clamp internally, which limits the output
current.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS5403


Similar Part No. - TPS5403DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5401 TI-TPS5401 Datasheet
833Kb / 37P
[Old version datasheet]   0.5-A, 42-V Input, Step-Down SWIFT??Converter
TPS54010 TI-TPS54010 Datasheet
707Kb / 25P
[Old version datasheet]   2.2 - 4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54010 TI-TPS54010 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54010 TI1-TPS54010 Datasheet
1Mb / 31P
[Old version datasheet]   2.2-V to 4-V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54010 TI1-TPS54010 Datasheet
1Mb / 30P
[Old version datasheet]   2.2 ??4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS5403DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5402 TI-TPS5402 Datasheet
942Kb / 18P
[Old version datasheet]   3.5-V TO 28-V INPUT VOLTAGE, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5405 TI-TPS5405_15 Datasheet
887Kb / 19P
[Old version datasheet]   6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5405 TI1-TPS5405 Datasheet
719Kb / 18P
[Old version datasheet]   6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS54202 TI1-TPS54202 Datasheet
967Kb / 26P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS54302 TI1-TPS54302 Datasheet
1Mb / 28P
[Old version datasheet]   TPS54302 4.5-V to 28-V Input, 3-A Output, EMI Friendly Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com