Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADF411XEB1 Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-ADF411XEB1
Description  Evaluation Board For PLL Frequency Synthesizer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF411XEB1 Datasheet(HTML) 1 Page - Analog Devices

  EVAL-ADF411XEB1 Datasheet HTML 1Page - Analog Devices EVAL-ADF411XEB1 Datasheet HTML 2Page - Analog Devices EVAL-ADF411XEB1 Datasheet HTML 3Page - Analog Devices EVAL-ADF411XEB1 Datasheet HTML 4Page - Analog Devices EVAL-ADF411XEB1 Datasheet HTML 5Page - Analog Devices EVAL-ADF411XEB1 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
a
EVAL-ADF411XEB1
FEATURES
General Purpose PLL Evaluation Board excluding Synthe-
sizer, VCO, Loop Filter for generating generic PLL stan-
dards.
Compatible with ADF4110 and ADF4116 synthesizer fami-
lies.
Accompanying Software allows complete control of syn-
thesizer functions from PC
Battery Operated: Choice of 3V or 5V supplies
© Analog Devices, Inc., 1999
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781-329-4700
Fax: 781-326-8703
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties which may result from its use.
No license is granted by implication or otherwise under any patent or patent rights of
Analog Devices.
Evaluation Board For PLL Frequency
Synthesizer
BLOCK DIAGRAM
REV.PrB 04/00
GENERAL DESCRIPTION
This board is designed to allow the user to evaluate
the performance of the ADF411X Frequency Synthe-
sizer for PLL's (Phase Locked Loops). The block
diagram of the board is shown below.
It contains the
footprint for a ADF411X synthesizer, a pc connector,
SMA connector for the reference input, power sup-
plies and RF output. There is also a footprint for a
loop filter and a VCO on board. A cable is included
with the board to connect to a pc printer port.
The package also contains windows software to allow
easy programming of the synthesizer.
VC O 1
(V ari-L )
P C CO NNE C T O R
9V B ATTER Y
A DF4 11X
EVA L -A D F 411XEB 1
V
P
CE
REF
IN
RF
OU T
V
VC O
V
DD
VC O 190-XXXT
TCX O
V ectro n
AD 7 706
SM A
Socket
POW ER SW IT C H
ON
OF F


Similar Part No. - EVAL-ADF411XEB1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF411XEBZ11 AD-EVAL-ADF411XEBZ11 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
More results

Similar Description - EVAL-ADF411XEB1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF4208EB1 AD-EVAL-ADF4208EB1 Datasheet
410Kb / 6P
   Evaluation Board For PLL Frequency Synthesizer
REV.PrA 02/00
EVAL-ADF4212EB1 AD-EVAL-ADF4212EB1 Datasheet
387Kb / 6P
   Evaluation Board For PLL Frequency Synthesizer
REV 0 11/00
EVAL-ADF421XEB1 AD-EVAL-ADF421XEB1 Datasheet
247Kb / 6P
   Evaluation Board For PLL Frequency Synthesizer
REV.PrA 02/00
EVAL-ADF4213EB1 AD-EVAL-ADF4213EB1 Datasheet
277Kb / 6P
   Evaluation Board For PLL Frequency Synthesizer
REV.PrA 12/00
EVAL-ADF4112EB1 AD-EVAL-ADF4112EB1 Datasheet
176Kb / 6P
   CDMA Evaluation Board For PLL Frequency Synthesizer
REV.PrA 04/00
EVAL-ADF4113EB2 AD-EVAL-ADF4113EB2 Datasheet
195Kb / 6P
   1750MHz Evaluation Board For PLL Frequency Synthesizer
REV.PrA 01/00
EVAL-ADF4113EB1 AD-EVAL-ADF4113EB1 Datasheet
177Kb / 6P
   GSM900 Evaluation Board For PLL Frequency Synthesizer
REV.PrB 04/00
EVAL-ADF4118EB1 AD-EVAL-ADF4118EB1 Datasheet
168Kb / 6P
   WCDMA Evaluation Board For PLL Frequency Synthesizer
REV.PrB 04/00
EVAL-ADF4153EB1 AD-EVAL-ADF4153EB1 Datasheet
204Kb / 8P
   Evaluation Board For Fractional-N PLL Frequency Synthesizer
REV.PrA 03/03
EVAL-ADF4213EB2 AD-EVAL-ADF4213EB2 Datasheet
452Kb / 6P
   2.35GHz Dual Evaluation Board For PLL Frequency Synthesizer
REV.PrA 01/00
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com