Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22930AYZVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22930AYZVT
Description  ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22930AYZVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS22930AYZVT Datasheet HTML 7Page - Texas Instruments TPS22930AYZVT Datasheet HTML 8Page - Texas Instruments TPS22930AYZVT Datasheet HTML 9Page - Texas Instruments TPS22930AYZVT Datasheet HTML 10Page - Texas Instruments TPS22930AYZVT Datasheet HTML 11Page - Texas Instruments TPS22930AYZVT Datasheet HTML 12Page - Texas Instruments TPS22930AYZVT Datasheet HTML 13Page - Texas Instruments TPS22930AYZVT Datasheet HTML 14Page - Texas Instruments TPS22930AYZVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
0
4
8
12
16
20
1
2
3
4
5
6
Vin (V)
−40C
25C
85C
CIN = 10uF, CL = 0.1uF, RL = 10Ohm, VON=1.8V
G026
TPS22930
www.ti.com
SLVSBL3 – NOVEMBER 2012
TYPICAL DC CHARACTERISTICS (continued)
tR vs. VIN
UVLO RESPONSE
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS22930


Similar Part No. - TPS22930AYZVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22930AYZVT TI1-TPS22930AYZVT Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
More results

Similar Description - TPS22930AYZVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22912 TI1-TPS22912 Datasheet
744Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22967 TI1-TPS22967 Datasheet
1Mb / 26P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22965 TI1-TPS22965 Datasheet
1Mb / 25P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22966 TI1-TPS22966 Datasheet
858Kb / 26P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com