Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F28M36P63B2ZWTQ Datasheet(PDF) 11 Page - Texas Instruments

Part # F28M36P63B2ZWTQ
Description  Concerto Microcontrollers
Download  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F28M36P63B2ZWTQ Datasheet(HTML) 11 Page - Texas Instruments

Back Button F28M36P63B2ZWTQ Datasheet HTML 7Page - Texas Instruments F28M36P63B2ZWTQ Datasheet HTML 8Page - Texas Instruments F28M36P63B2ZWTQ Datasheet HTML 9Page - Texas Instruments F28M36P63B2ZWTQ Datasheet HTML 10Page - Texas Instruments F28M36P63B2ZWTQ Datasheet HTML 11Page - Texas Instruments F28M36P63B2ZWTQ Datasheet HTML 12Page - Texas Instruments F28M36P63B2ZWTQ Datasheet HTML 13Page - Texas Instruments F28M36P63B2ZWTQ Datasheet HTML 14Page - Texas Instruments F28M36P63B2ZWTQ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 202 page
background image
F28M36P63B2, F28M36P63C2
F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2
www.ti.com
SPRS825 – OCTOBER 2012
Table 2-7. Control Subsystem RAMs
C Address
Size
M Address
µDMA
C DMA Access(1)
Control Subsystem RAMs
(x16 Aligned)(1)
(Bytes)
(Byte-Aligned)(2)
Access
no
0000 8000 – 0000 8FFF
L0 RAM (ECC, Secure)
8K
no
0000 9000 – 0000 9FFF
L1 RAM (ECC, Secure)
8K
yes
0000 A000 – 0000 AFFF
L2 RAM (Parity)
8K
yes
0000 B000 – 0000 BFFF
L3 RAM (Parity)
8K
yes
0000 C000 – 0000 CFFF
S0 RAM (Parity, Shared)
8K
2000 8000 – 2000 9FFF
yes
yes
0000 D000 – 0000 DFFF
S1 RAM (Parity, Shared)
8K
2000 A000 – 2000 BFFF
yes
yes
0000 E000 – 0000 EFFF
S2 RAM (Parity, Shared)
8K
2000 C000 – 2000 DFFF
yes
yes
0000 F000 – 0000 FFFF
S3 RAM (Parity, Shared)
8K
2000 E000 – 2000 FFFF
yes
yes
0001 0000 – 0001 0FFF
S4 RAM (Parity, Shared)
8K
2001 0000 – 2001 1FFF
yes
yes
0001 1000 – 0001 1FFF
S5 RAM (Parity, Shared)
8K
2001 2000 – 2001 3FFF
yes
yes
0001 2000 – 0001 2FFF
S6 RAM (Parity, Shared)
8K
2001 4000 – 2001 5FFF
yes
yes
0001 3000 – 0001 3FFF
S7 RAM (Parity, Shared)
8K
2001 6000 – 2001 7FFF
yes
0001 4000 – 0003 F7FF
Reserved
yes
yes
0003 F800 – 0003 FBFF
CtoM MSG RAM (Parity)
2K
2007 F000 – 2007 F7FF
read only
yes
0003 FC00 – 0003 FFFF
MtoC MSG RAM (Parity)
2K
2007 F800 – 2007 FFFF
yes
read only
0004 0000 – 0004 7FFF
Reserved
no
0004 8000 – 0004 8FFF
L0 RAM - ECC Bits
8K
no
0004 9000 – 0004 9FFF
L1 RAM - ECC Bits
8K
no
0004 A000 – 0004 AFFF
L2 RAM - Parity Bits
8K
no
0004 B000 – 0004 BFFF
L3 RAM - Parity Bits
8K
no
0004 C000 – 0004 CFFF
S0 RAM - Parity Bits
8K
2008 8000 – 2008 9FFF
no
no
0004 D000 – 0004 DFFF
S1 RAM - Parity Bits
8K
2008 A000 – 2008 BFFF
no
no
0004 E000 – 0004 EFFF
S2 RAM - Parity Bits
8K
2008 C000 – 2008 DFFF
no
no
0004 F000 – 0004 FFFF
S3 RAM - Parity Bits
8K
2008 E000 – 2008 FFFF
no
no
0005 0000 – 0005 0FFF
S4 RAM - Parity Bits
8K
2009 0000 – 2009 1FFF
no
no
0005 1000 – 0005 1FFF
S5 RAM - Parity Bits
8K
2009 2000 – 2009 3FFF
no
no
0005 2000 – 0005 2FFF
S6 RAM - Parity Bits
8K
2009 4000 – 2009 5FFF
no
no
0005 3000 – 0005 3FFF
S7 RAM - Parity Bits
8K
2009 6000 – 2009 7FFF
no
0005 4000 – 0007 EFFF
Reserved
no
0007 F000 – 0007 F3FF
M0 RAM - ECC Bits
2K
no
0007 F400 – 0007 F7FF
M1 RAM - ECC Bits
2K
no
0007 F800 – 0007 FBFF
CtoM MSG RAM - Parity Bits
2K
200F F000 – 200F F7FF
no
no
0007 FC00 – 0007 FFFF
MtoC MSG RAM - Parity Bits
2K
200F F800 – 200F FFFF
no
0008 0000 – 0009 FFFF
Reserved
(1)
The letter "C" refers to the Control Subsystem.
(2)
The letter "M" refers to the Master Subsystem.
Copyright © 2012, Texas Instruments Incorporated
Device Overview
11
Submit Documentation Feedback


Similar Part No. - F28M36P63B2ZWTQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C TI1-F28M36P63C Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M36P63C2 TI1-F28M36P63C2 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C2ZWTQ TI1-F28M36P63C2ZWTQ Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C2ZWTS TI1-F28M36P63C2ZWTS Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C2ZWTT TI1-F28M36P63C2ZWTT Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
More results

Similar Description - F28M36P63B2ZWTQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1 TI1-F28M35H20B1_12 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com