Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS23785BPWP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23785BPWP
Description  High-Power, High-Efficiency PoE PD and DC-to-DC Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS23785BPWP Datasheet(HTML) 5 Page - Texas Instruments

  TPS23785BPWP Datasheet HTML 1Page - Texas Instruments TPS23785BPWP Datasheet HTML 2Page - Texas Instruments TPS23785BPWP Datasheet HTML 3Page - Texas Instruments TPS23785BPWP Datasheet HTML 4Page - Texas Instruments TPS23785BPWP Datasheet HTML 5Page - Texas Instruments TPS23785BPWP Datasheet HTML 6Page - Texas Instruments TPS23785BPWP Datasheet HTML 7Page - Texas Instruments TPS23785BPWP Datasheet HTML 8Page - Texas Instruments TPS23785BPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
TPS23785B
www.ti.com
SLUSB90A – DECEMBER 2012 – REVISED DECEMBER 2012
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CS
VCSMAX
Maximum threshold voltage
VCTL = VB, VCS rising until GATE duty cycle drops
0.5
0.55
0.6
V
t1
Turnoff delay
VCS = 0.65 V
24
40
70
ns
Peak voltage at maximum duty cycle, referenced
VSLOPE
Internal slope compensation voltage
120
155
185
mV
to CS
ISL_EX
Peak slope compensation current
VCTL = VB, ICS at maximum duty cycle
30
42
54
μA
Bias current (sourcing)
DC component of ICS
1
2.5
4.3
GATE
VCTL = VB, VC = 12 V, GATE high, pulsed
Source current
0.37
0.6
0.95
measurement
A
VCTL = VB, VC = 12 V, GATE low, pulsed
Sink current
0.7
1
1.4
measurement
GAT2
VCTL = VB, VC = 12 V, GAT2 high, RDT = 24.9 kΩ,
Source current
0.37
0.6
0.95
pulsed measurement
A
VCTL = VB, VC = 12 V, GAT2 low, RDT = 24.9 kΩ,
Sink current
0.7
1
1.4
pulsed measurement
APD
VAPDEN
VAPD rising
1.43
1.5
1.57
APD threshold voltage
V
VAPDH
Hysteresis (2)
0.29
0.31
0.33
APD leakage current
VC = 12 V, VAPD = VB
1
μA
(source or sink)
P1, P2
Leakage current
Source or sink
1
μA
(2)
The hysteresis tolerance tracks the rising threshold for a given device.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS23785BPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
TPS2378DDA TI1-TPS2378DDA Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
TPS2378DDAR TI1-TPS2378DDAR Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
More results

Similar Description - TPS23785BPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23754 TI1-TPS23754_17 Datasheet
2Mb / 45P
[Old version datasheet]   High-Power/High-Efficiency PoE Interface and DC-DC Controller
TPS23754 TI-TPS23754_10 Datasheet
1Mb / 41P
[Old version datasheet]   High Power/High Efficiency PoE Interface and DC/DC Controller
TPS23754 TI-TPS23754 Datasheet
1Mb / 41P
[Old version datasheet]   High Power/High Efficiency PoE Interface and DC/DC Controller
TPS23757 TI-TPS23757 Datasheet
1Mb / 37P
[Old version datasheet]   High Efficiency PoE Interface and DC/DC Controller
logo
List of Unclassifed Man...
AS1138 ETC2-AS1138 Datasheet
1Mb / 30P
   30W PoE PD and DC-DC Controller
logo
ON Semiconductor
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
logo
Texas Instruments
TPS23730 TI1-TPS23730 Datasheet
1Mb / 53P
[Old version datasheet]   TPS23730 IEEE 802.3bt Type 3 PoE PD with High Efficiency DC-DC Controller
logo
ON Semiconductor
NCP1082 ONSEMI-NCP1082_13 Datasheet
220Kb / 17P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1080 ONSEMI-NCP1080_13 Datasheet
227Kb / 15P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com