Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADF4212EB1 Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-ADF4212EB1
Description  Evaluation Board For PLL Frequency Synthesizer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF4212EB1 Datasheet(HTML) 1 Page - Analog Devices

  EVAL-ADF4212EB1 Datasheet HTML 1Page - Analog Devices EVAL-ADF4212EB1 Datasheet HTML 2Page - Analog Devices EVAL-ADF4212EB1 Datasheet HTML 3Page - Analog Devices EVAL-ADF4212EB1 Datasheet HTML 4Page - Analog Devices EVAL-ADF4212EB1 Datasheet HTML 5Page - Analog Devices EVAL-ADF4212EB1 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
a
EVAL-ADF4212EB1
FEATURES
Self Contained Evaluation Board including Synthesizer,
VCOs, Loop Filters for generating GSM 1800 standards
(1700MHz to 1800MHz RF, 520MHz to 560MHz IF).
RF and IF filters designed for 20kHz Loop Bandwidth, and
200kHz Channel Spacing.
Accompanying Software allows complete control of syn-
thesizer functions from PC using Windows 95/98/NT.
Battery Operated: Choice of 3V or 5V supplies
On-Board Monitoring of Voltage and Current
Typical RF Phase Noise Performance of -84dBc/Hz @1kHz
offset.
Typical IF Phase Noise Performance of -90dBc/Hz @1kHz
offset.
Typical Spurious Performance of batter than -80dBc
@200kHz offset.
© Analog Devices, Inc., 1999
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781-329-4700
Fax: 781-326-8703
Information furnished by Analog Devices is believed to be accurate and reliable. However,
no responsibility is assumed by Analog Devices for its use, nor for any infringements of
patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of Analog Devices.
Evaluation Board For PLL Frequency
Synthesizer
BLOCK DIAGRAM
REV 0 11/00
GENERAL DESCRIPTION
This board is designed to allow the user to evaluate
the performance of the ADF4212 Frequency Synthe-
sizer for PLL's (Phase Locked Loops). The block
diagram of the board is shown below.
It contains the
footprint for a ADF4212 synthesizer, a pc connector,
SMA connector for the reference input, power sup-
plies and RF output. There is also a loop filter and a
VCO for both the RF and IF section on board. A
cable is included with the board to connect to a pc
printer port.
The package also contains Windows 95/98/NT soft-
ware to allow easy programming of the synthesizer.
VC O 1
(Vari-L)
VC O 1 90-XX XT
ADF42 1X
PC C O NNEC TO R
9V BA TTER Y
EV AL-AD F42 1XE B1
V
P
REF
IN
RF
OU T
SM A
Soc ket
V
VC O
V
DD
TC XO
Ve ctron
AD7 706
PO W ER SW ITCH
ON
OFF
VC O 1
(Vari-L)
VC O 1 90-XX XT
IF
OU T
SM A
Soc ket


Similar Part No. - EVAL-ADF4212EB1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF4213EB1 AD-EVAL-ADF4213EB1 Datasheet
277Kb / 6P
   Evaluation Board For PLL Frequency Synthesizer
REV.PrA 12/00
EVAL-ADF4213EB2 AD-EVAL-ADF4213EB2 Datasheet
452Kb / 6P
   2.35GHz Dual Evaluation Board For PLL Frequency Synthesizer
REV.PrA 01/00
EVAL-ADF421XEB1 AD-EVAL-ADF421XEB1 Datasheet
247Kb / 6P
   Evaluation Board For PLL Frequency Synthesizer
REV.PrA 02/00
More results

Similar Description - EVAL-ADF4212EB1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF411XEB1 AD-EVAL-ADF411XEB1 Datasheet
175Kb / 6P
   Evaluation Board For PLL Frequency Synthesizer
REV.PrB 04/00
EVAL-ADF4208EB1 AD-EVAL-ADF4208EB1 Datasheet
410Kb / 6P
   Evaluation Board For PLL Frequency Synthesizer
REV.PrA 02/00
EVAL-ADF421XEB1 AD-EVAL-ADF421XEB1 Datasheet
247Kb / 6P
   Evaluation Board For PLL Frequency Synthesizer
REV.PrA 02/00
EVAL-ADF4213EB1 AD-EVAL-ADF4213EB1 Datasheet
277Kb / 6P
   Evaluation Board For PLL Frequency Synthesizer
REV.PrA 12/00
EVAL-ADF4112EB1 AD-EVAL-ADF4112EB1 Datasheet
176Kb / 6P
   CDMA Evaluation Board For PLL Frequency Synthesizer
REV.PrA 04/00
EVAL-ADF4113EB2 AD-EVAL-ADF4113EB2 Datasheet
195Kb / 6P
   1750MHz Evaluation Board For PLL Frequency Synthesizer
REV.PrA 01/00
EVAL-ADF4113EB1 AD-EVAL-ADF4113EB1 Datasheet
177Kb / 6P
   GSM900 Evaluation Board For PLL Frequency Synthesizer
REV.PrB 04/00
EVAL-ADF4118EB1 AD-EVAL-ADF4118EB1 Datasheet
168Kb / 6P
   WCDMA Evaluation Board For PLL Frequency Synthesizer
REV.PrB 04/00
EVAL-ADF4153EB1 AD-EVAL-ADF4153EB1 Datasheet
204Kb / 8P
   Evaluation Board For Fractional-N PLL Frequency Synthesizer
REV.PrA 03/03
EVAL-ADF4213EB2 AD-EVAL-ADF4213EB2 Datasheet
452Kb / 6P
   2.35GHz Dual Evaluation Board For PLL Frequency Synthesizer
REV.PrA 01/00
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com