Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25910 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25910
Description  3-V to 20-V High-Current Load Switch with Programmable Inrush Slew Rate
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS25910 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS25910 Datasheet HTML 3Page - Texas Instruments TPS25910 Datasheet HTML 4Page - Texas Instruments TPS25910 Datasheet HTML 5Page - Texas Instruments TPS25910 Datasheet HTML 6Page - Texas Instruments TPS25910 Datasheet HTML 7Page - Texas Instruments TPS25910 Datasheet HTML 8Page - Texas Instruments TPS25910 Datasheet HTML 9Page - Texas Instruments TPS25910 Datasheet HTML 10Page - Texas Instruments TPS25910 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
OUT
IN
OUT
V
V
0.04
I
=
-
´
LIM
1.02912
LIM
205.62
R
I
=
LIM
0.976944
LIM
197.388
R
I
=
(
)
OUT
CHARGE
EXT
INT
dV
I
C
C
dt
=
+
TPS25910
www.ti.com
SLUSAR6B – SEPTEMBER 2012 – REVISED MARCH 2013
PIN DESCRIPTION
FLT: Open-drain output that pulls low during thermal shutdown. FLT activates when device thermally shuts down
and deactivates when die temperature cools down below the device thermal protection threshold and the device
ends thermal shutdown cycle. FLT becomes operational before UV, when VIN is greater than 1V.
GND: This is the most negative voltage in the circuit and is used as reference for all voltage measurements
unless otherwise specified. All the GND pins must be connected to system power supply negative return point
GATE: Output that provides gate drive for the internal pass FET. Its sourcing current is about 11 µA. An internal
clamp prevents GATE from rising 6.6 V above OUT. CINT is 200 pF.
The GATE pin is disabled by the following mechanisms:
1. When EN is above its rising threshold, GATE is pulled down by a 40-
Ω resistor connecting to GND for
approximately 50 µs. Then, a 7.5-k
Ω resistor ties GATE to GND to ensure the GATE is off.
2. When VIN drops below the UVLO threshold, GATE is pulled down by a 40-Ω resistor connecting to GND for
approximately 50 µs. Then, a 7.5-k
Ω resistor ties GATE to GND to ensure the GATE is off.
3. When short circuit fault occurs, GATE is pulled down by a 40-
Ω resistor connecting to GND for approximately
50 µs. Then, a 500 µA current source continues to pull down on the GATE.
4. If the chip die temperature exceeds the OTSD rising threshold, GATE is pulled down to GND by a 7.5-k
resistor.
An external capacitor can be connected from GATE pin to GND pin to create linear inrush profile. The slew rate
of the inrush can be controlled by a different capacitor value.
(1)
Where:
ICHARGE is 11 µA (typical)
CINT, the equivalent gate input capacitance of the internal FET (200 pF typical).
.
ILIM: A resistor connected from this pin to ground sets I(LIM). RLIM is set by the formula:
for currents below 2 A where RLIM is in kΩ.
(2)
for currents above 2 A where RLIM is in kΩ.
(3)
EN: When this pin is pulled low, the device is enabled. The input threshold is hysteretic, allowing the user to
program a startup delay with an external RC circuit. EN is pulled to VIN by a 10-M
Ω resistor, pulled to GND by
16.8 M
Ω and is clamped to ground by a 7-V Zener diode. Because high impedance pullup and or down resistors
are used to reduce current draw, any external FET controlling this pin should be low leakage.
IN: Input voltage to the TPS25910. The recommended operating voltage range is 3 V to 20 V. All VIN pins
should be connected together and to the power source.
OUT: Output connection for the TPS25910. When switched on, the output voltage is approximately:
(4)
All OUT pins should be connected together and to the load.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS25910


Similar Part No. - TPS25910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2590 TI1-TPS2590 Datasheet
1Mb / 20P
[Old version datasheet]   3-V to 20-V High-Current Load Switch
TPS2590RSA TI1-TPS2590RSA Datasheet
1Mb / 20P
[Old version datasheet]   3-V to 20-V High-Current Load Switch
TPS2590RSAR TI1-TPS2590RSAR Datasheet
1Mb / 20P
[Old version datasheet]   3-V to 20-V High-Current Load Switch
TPS2590RSAT TI1-TPS2590RSAT Datasheet
1Mb / 20P
[Old version datasheet]   3-V to 20-V High-Current Load Switch
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
More results

Similar Description - TPS25910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2590 TI1-TPS2590 Datasheet
1Mb / 20P
[Old version datasheet]   3-V to 20-V High-Current Load Switch
logo
Vishay Siliconix
SIP32401A VISHAY-SIP32401A Datasheet
217Kb / 13P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
Rev. D, 01-Jun-15
SIP32401A VISHAY-SIP32401A_V01 Datasheet
217Kb / 13P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
08-Feb-17
SIP32429 VISHAY-SIP32429 Datasheet
580Kb / 14P
   28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
Rev. E, 24-Oct-16
SIP32430 VISHAY-SIP32430_V01 Datasheet
1Mb / 17P
   28 V, 99 m?? Load Switch with Programmable Current Limit and Slew Rate Control
01-Jan-2022
SIP32408 VISHAY-SIP32408_V01 Datasheet
291Kb / 15P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jan-2022
SIP32408 VISHAY-SIP32408 Datasheet
252Kb / 14P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
Rev. F, 06-May-13
SIP32430 VISHAY-SIP32430 Datasheet
1,014Kb / 16P
   28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
Rev. A, 15-Jun-15
SIP32419 VISHAY-SIP32419 Datasheet
580Kb / 14P
   28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
Rev. E, 24-Oct-16
SIP32429 VISHAY-SIP32429_V01 Datasheet
663Kb / 16P
   28 V, 56 m廓, Load Switch with Programmable Current Limit and Slew Rate Control
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com