Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28065PNT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28065PNT
Description  Piccolo Microcontrollers
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28065PNT Datasheet(HTML) 3 Page - Texas Instruments

  TMS320F28065PNT Datasheet HTML 1Page - Texas Instruments TMS320F28065PNT Datasheet HTML 2Page - Texas Instruments TMS320F28065PNT Datasheet HTML 3Page - Texas Instruments TMS320F28065PNT Datasheet HTML 4Page - Texas Instruments TMS320F28065PNT Datasheet HTML 5Page - Texas Instruments TMS320F28065PNT Datasheet HTML 6Page - Texas Instruments TMS320F28065PNT Datasheet HTML 7Page - Texas Instruments TMS320F28065PNT Datasheet HTML 8Page - Texas Instruments TMS320F28065PNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 174 page
background image
CLA Bus
DMA Bus
DMA Bus
16-bit Peripheral Bus
32-bit Peripheral
Bus
Memory Bus
A7:0
B7:0
Memory Bus
ADC
0-wait
Result
Regs
ADC
COMP
+
DAC
COMP1OUT
COMP2OUT
COMP3OUT
COMP1A
COMP2A
COMP3A
COMP1B
COMP2B
COMP3B
Boot-ROM
(32Kx16)
(0-wait,
Non-Secure)
TRST
TCK, TDI, TMS
TDO
XCLKIN
LPM Wakeup
3 Ext. Interrupts
X1
X2
XRS
M0 SARAM (1Kx16)
(0-wait, Non-Secure)
M1 SARAM (1Kx16)
(0-wait, Non-Secure)
L5 DPSARAM (8Kx16)
(0-wait, Non-Secure)
DMA RAM0
L6 DPSARAM (8Kx16)
(0-wait, Non-Secure)
DMA RAM1
L7 DPSARAM (8Kx16)
(0-wait, Non-Secure)
DMA RAM2
L8 DPSARAM (8Kx16)
(0-wait, Non-Secure)
DMA RAM3
L0 DPSARAM (2Kx16)
(0-wait, Secure)
CLA Data RAM2
L1 DPSARAM (1Kx16)
(0-wait, Secure)
CLA Data RAM0
L2 DPSARAM (1Kx16)
(0-wait, Secure)
CLA Data RAM1
L3 DPSARAM (4Kx16)
(0-wait, Secure)
CLA Program RAM
L4 SARAM (8Kx16)
(0-wait, Secure)
Code
Security
Module
(CSM)
PSWD
OTP 1Kx16
Secure
FLASH
128Kx16
8 equal sectors
Secure
64Kx16
PUMP
OTP/Flash
Wrapper
32-bit Peripheral
Bus
USB-0
GPIO Mux
SCI-A
SCI-B
(4L FIFO)
SPI-A
SPI-B
(4L FIFO)
I2C-A
(4L FIFO)
32-bit Peripheral Bus
(CLA accessible)
ePWM1 to ePWM8
HRPWM (8ch)
McBSP-A
32-bit
Peripheral Bus
(CLA accessible)
eCAP1
eCAP2
eCAP3
eQEP1
eQEP2
32-bit Peripheral
Bus
HRCAP1
HRCAP2
HRCAP3
HRCAP4
eCAN-A
(32-mbox)
CLA +
Message
RAMs
DMA
6-ch
C28x 32-bit CPU
FPU
VCU
OSC1, OSC2,
Ext, PLLs,
LPM, WD,
CPU Timer 0,
CPU Timer 1,
CPU Timer 2,
PIE
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
www.ti.com
SPRS698D – NOVEMBER 2010 – REVISED DECEMBER 2012
1.3
Functional Block Diagram
A.
Not all peripheral pins are available at the same time due to multiplexing.
Figure 1-1. Functional Block Diagram
Copyright © 2010–2012, Texas Instruments Incorporated
TMS320F2806x ( Piccolo™) MCUs
3
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062


Similar Part No. - TMS320F28065PNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28065PNT TI-TMS320F28065PNT Datasheet
1Mb / 173P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28065PNT TI1-TMS320F28065PNT Datasheet
1Mb / 173P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28065PNT TI1-TMS320F28065PNT Datasheet
2Mb / 177P
[Old version datasheet]   Fast Interrupt Response and Processing
TMS320F28065PNT TI1-TMS320F28065PNT Datasheet
2Mb / 177P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28065PNT TI1-TMS320F28065PNT Datasheet
2Mb / 179P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F28065PNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com