Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51313DRCT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51313DRCT
Description  5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51313DRCT Datasheet(HTML) 1 Page - Texas Instruments

  TPS51313DRCT Datasheet HTML 1Page - Texas Instruments TPS51313DRCT Datasheet HTML 2Page - Texas Instruments TPS51313DRCT Datasheet HTML 3Page - Texas Instruments TPS51313DRCT Datasheet HTML 4Page - Texas Instruments TPS51313DRCT Datasheet HTML 5Page - Texas Instruments TPS51313DRCT Datasheet HTML 6Page - Texas Instruments TPS51313DRCT Datasheet HTML 7Page - Texas Instruments TPS51313DRCT Datasheet HTML 8Page - Texas Instruments TPS51313DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FB
VCC
VIN
PGND
EN
PGOOD
NC
SW
PGND
SW
CIN
R2
R1
LOUT
EN
PGOOD
COUT
VIN
3.3 or
5 V
UDG-12083
Thermal Pad
TPS51313
VOUT
CFF
1
2
3
4
5
10
9
8
7
6
FB
VCC
VIN
PGND
PGND
EN
PGOOD
NC
SW
SW
Thermal
Pad
TPS51313
www.ti.com
SLUSB31 – SEPTEMBER 2012
5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
Check for Samples: TPS51313
1
FEATURES
APPLICATIONS
234
Input Voltage VIN Range : 3.1 V to 5.5 V
Discrete Graphics PCIe® PEX Rail
Bias Voltage VCC Range: 3.1 V to 5.5 V
Low-Voltage Point-of-Load (POL) Rails
Output Voltage Range: 0.6 V to 3.3 V
DESCRIPTION
0.6-V, 1% Voltage Reference Accuracy
The TPS51313 is an easy-to-use, fully integrated,
Switching Frequency: 1 MHz
synchronous buck converter for low voltage point-of-
No External Compensation is Required
load applications. It is designed to meet the NVIDIA™
OpenVreg
Type
0
specifications,
including
the
Fixed Voltage Servo Soft-Start Function
package and footprint requirement. It supports 3-A
Thermal Shutdown
(maximum) of dc output current at output voltages
X
from 0.6 V to 3.3 V. The D-CAP2™ mode adaptive,
constant
on-time
control
with
1-MHz
switching
frequency allows a small footprint when designed
using all ceramic output capacitors and offers a low
external component count. The device also features
auto-skip function at light load condition, pre-biased
start-up and internally fixed soft-start time. When the
device is disabled, the output capacitor is discharged
through internal resistor. The TPS51313 is available
in a 3 mm x 3 mm, 10-pin DRC package (Green
RoHS compliant and Pb free) and is specified
between –10°C and 85°C.
X
SIMPLIFIED APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP2 is a trademark of Texas Instruments.
3
NVIDIA is a trademark of NVIDIA, Incorporated.
4
PCIe is a registered trademark of PLX Technology, Inc.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS51313DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
More results

Similar Description - TPS51313DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
Texas Instruments
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com