Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62177DQCR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62177DQCR
Description  28V, 0.5A Step-Down Converter with Sleep Mode
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62177DQCR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62177DQCR Datasheet HTML 5Page - Texas Instruments TPS62177DQCR Datasheet HTML 6Page - Texas Instruments TPS62177DQCR Datasheet HTML 7Page - Texas Instruments TPS62177DQCR Datasheet HTML 8Page - Texas Instruments TPS62177DQCR Datasheet HTML 9Page - Texas Instruments TPS62177DQCR Datasheet HTML 10Page - Texas Instruments TPS62177DQCR Datasheet HTML 11Page - Texas Instruments TPS62177DQCR Datasheet HTML 12Page - Texas Instruments TPS62177DQCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.01
0.1
1
10
100
500
VIN=5V
VIN=7.5
VIN=12V
VIN=24V
Output Current (mA)
VOUT=3.3V
L=10uH (LPS4012)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
4
6
8
10
12
14
16
18
20
22
24
26
28
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=500mA
Input Voltage (V)
VOUT=3.3V
L=10uH (LPS4012)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.001
0.01
0.1
1
10 20
VIN=6V
VIN=7.5
VIN=12V
VIN=24V
Output Current (mA)
VOUT=5V
L=10uH (LPS4012)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
6
8
10
12
14
16
18
20
22
24
26
28
IOUT=10uA
IOUT=100uA
IOUT=1mA
Input Voltage (V)
VOUT=5V
L=10uH (LPS4012)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.01
0.1
1
10
100
500
VIN=6V
VIN=7.5
VIN=12V
VIN=24V
Output Current (mA)
VOUT=5V
L=10uH (LPS4012)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
6
8
10
12
14
16
18
20
22
24
26
28
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=500mA
Input Voltage (V)
VOUT=5V
L=10uH (LPS4012)
Cout=22uF
G001
TPS62175, TPS62177
www.ti.com
SLVSB35A – OCTOBER 2012 – REVISED NOVEMBER 2012
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 5. Vout=5V
Figure 6. Vout=5V
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 7. Vout=5V (Sleep Mode)
Figure 8. Vout=5V (Sleep Mode)
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 9. Vout=3.3V
Figure 10. Vout=3.3V
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS62175 TPS62177


Similar Part No. - TPS62177DQCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-V to17-V 0.5-A Step-Down Converters with DCS-Control
TPS62170-Q1 TI1-TPS62170-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   3-V to17-V 0.5-A Step-Down Converters with DCS-Control
TPS62170DSG TI1-TPS62170DSG Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62170DSG TI1-TPS62170DSG Datasheet
1Mb / 15P
[Old version datasheet]   TPS62160EVM-627 and TPS62170EVM-627 Evaluation Modules
More results

Similar Description - TPS62177DQCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060A TI-TPS54060A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5A, 60V Step Down DC/DC Converter with Eco-mode?
TPS54040 TI-TPS54040 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54040 TI-TPS54040_10 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54332DDAR TI1-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060_10 Datasheet
2Mb / 49P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI1-TPS54060A Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54332 TI1-TPS54332 Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
TPS54332DDAR TI-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
logo
Monolithic Power System...
MP1593 MPS-MP1593 Datasheet
299Kb / 11P
   3A, 28V, 385KHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com