Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82670 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS82670
Description  600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS82670 Datasheet(HTML) 1 Page - Texas Instruments

  TPS82670_12 Datasheet HTML 1Page - Texas Instruments TPS82670_12 Datasheet HTML 2Page - Texas Instruments TPS82670_12 Datasheet HTML 3Page - Texas Instruments TPS82670_12 Datasheet HTML 4Page - Texas Instruments TPS82670_12 Datasheet HTML 5Page - Texas Instruments TPS82670_12 Datasheet HTML 6Page - Texas Instruments TPS82670_12 Datasheet HTML 7Page - Texas Instruments TPS82670_12 Datasheet HTML 8Page - Texas Instruments TPS82670_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
250
225
200
175
150
125
100
75
50
25
0
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
100
1000
I - Load Current - mA
O
V = 3.6 V,
V = 1.8 V
I
O
Efficiency
PFM/PWM Operation
Power Loss
PFM/PWM Operation
VIN
SW
FB
MODE
GND
EN
VOUT
1.8 V @ 600mA
C
I
TPS82671SIP
L
VIN
2.3 V .. 4.8 V
C
O
MODE
SELECTION
ENABLE
DC/DC Converter
GND
TPS82670, TPS82671, TPS82672, TPS82673, TPS82674
TPS82675, TPS82676, TPS82677, TPS826711, TPS826745, TPS826765
www.ti.com
SLVSAI0F – OCTOBER 2010 – REVISED NOVEMBER 2012
600-mA, HIGH-EFFICIENCY MicroSiP™ STEP-DOWN CONVERTER (PROFILE <1.0mm)
Check for
Samples: TPS82670, TPS82671, TPS82672, TPS82673, TPS82674, TPS82675, TPS82676, TPS82677, TPS826711, TPS826745,
TPS826765
1
FEATURES
DESCRIPTION
23
90% Efficiency at 5.5MHz Operation
The TPS8267x device is a complete 600mA, DC/DC
17
μA Quiescent Current
step-down power supply intended for low-power
applications.
Included
in
the
package
are
the
Wide VIN Range From 2.3V to 4.8V
switching
regulator,
inductor
and
input/output
5.5MHz Regulated Frequency Operation
capacitors. No additional components are required to
Spread Spectrum, PWM Frequency Dithering
finish the design.
Best in Class Load and Line Transient
The
TPS8267x
is
based
on
a
high-frequency
±2% Total DC Voltage Accuracy
synchronous step-down dc-dc converter optimized for
battery-powered
portable
applications.
The
Automatic PFM/PWM Mode Switching
MicroSiPTM DC/DC converter operates at a regulated
Low Ripple Light-Load PFM Mode
5.5-MHz switching frequency and enters the power-
≥35dB VIN PSRR (1kHz to 10kHz)
save mode operation at light load currents to maintain
Internal Soft Start, 120-µs Start-Up Time
high efficiency over the entire load current range.
Integrated Active Power-Down Sequencing
The PFM mode extends the battery life by reducing
(Optional)
the quiescent current to 17
μA (typ) during light load
operation. For noise-sensitive applications, the device
Current Overload and Thermal Shutdown
has PWM spread spectrum capability providing a
Protection
lower noise regulated output, as well as low noise at
Sub 1-mm Profile Solution
the input. These features, combined with high PSRR
Total Solution Size <6.7 mm2
and AC load regulation performance, make this
device suitable to replace a linear regulator to obtain
better power conversion efficiency.
APPLICATIONS
Cell Phones, Smart-Phones
The TPS8267x is packaged in a compact (2.3mm x
2.9mm) and low profile (1.0mm) BGA package
Digital TV, WLAN, GPS and Bluetooth™
suitable for automated assembly by standard surface
Applications
mount equipment.
POL Applications
Figure 1. Typical Application
Figure 2. Efficiency vs. Load Current
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MicroSiP is a trademark of Texas Instruments.
3
Bluetooth is a trademark of Bluetooth SIG, Inc.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2010–2012, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS82670_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
More results

Similar Description - TPS82670_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com