Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28711 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28711
Description  Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28711 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC28711 Datasheet HTML 4Page - Texas Instruments UCC28711 Datasheet HTML 5Page - Texas Instruments UCC28711 Datasheet HTML 6Page - Texas Instruments UCC28711 Datasheet HTML 7Page - Texas Instruments UCC28711 Datasheet HTML 8Page - Texas Instruments UCC28711 Datasheet HTML 9Page - Texas Instruments UCC28711 Datasheet HTML 10Page - Texas Instruments UCC28711 Datasheet HTML 11Page - Texas Instruments UCC28711 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
(
)
S1
VSR
S2
AS
OCV
F
VSR
R
V
R
N
V
V
V
´
=
´
+
-
UCC28710, UCC28711
UCC28712, UCC28713
UCC28714, UCC28715
SLUSB86 – NOVEMBER 2012
www.ti.com
Detailed Pin Description
VDD (Device Bias Voltage Supply): The VDD pin is connected to a bypass capacitor to ground. The VDD turn-
on UVLO threshold is 21 V and turn-off UVLO threshold is 8.1 V, with an available operating range up to 35 V on
VDD. The USB charging specification requires the output current to operate in constant-current mode from 5 V to
a minimum of 2 V; this is easily achieved with a nominal VDD of approximately 25 V. The additional VDD
headroom up to 35 V allows for VDD to rise due to the leakage energy delivered to the VDD capacitor in high-
load conditions.
GND (Ground): There is a single ground reference external to the device for the gate drive current and analog
signal reference. Place the VDD bypass capacitor close to GND and VDD with short traces to minimize noise on
the VS and CS signal pins.
HV (High Voltage Startup): The HV pin is connected directly to the bulk capacitor to provide startup current to
the VDD capacitor. The typical startup current is ~300 µA which provides fast charging of the VDD capacitor. The
internal HV start-up device is active until VDD exceeds the turn-on UVLO threshold of 21 V at which time the HV
start-up device is turned off. In the off state the leakage current is very low to minimize standby losses of the
controller. When VDD falls below the 8.1-V UVLO turn-off threshold the HV start-up device is turned on.
VS (Voltage-Sense): The VS pin is connected to a resistor divider from the auxiliary winding to ground. The
output-voltage feedback information is sampled at the end of the transformer secondary current demagnetization
time to provide an accurate representation of the output voltage. Timing information to achieve valley-switching
and to control the duty cycle of the secondary transformer current is determined by the waveform on the VS pin.
Avoid placing a filter capacitor on this input which would interfere with accurate sensing of this waveform.
The VS pin also senses the bulk capacitor voltage to provide for AC-input run and stop thresholds, and to
compensate the current-sense threshold across the AC-input range. This information is sensed during the
MOSFET on-time. For the AC-input run/stop function, the run threshold on VS is 225 µA and the stop threshold
is 80 µA. The values for the auxilliary voltage divider upper-resistor RS1 and lower-resistor RS2 can be
determined by the equations below.
where
NPA is the transformer primary-to-auxiliary turns ratio,
VIN(run) is the AC RMS voltage to enable turn-on of the controller (run),
IVSL(run) is the run-threshold for the current pulled out of the VS pin during the switch on-time. (see
ELECTRICAL CHARACTERISTICS)
(1)
where
VOCV is the converter regulated output voltage,
VF is the output rectifier forward drop at near-zero current,
NAS is the transformer auxiliary to secondary turns ratio,
RS1 is the VS divider high-side resistance,
VVSR is the CV regulating level at the VS input (see ELECTRICAL CHARACTERISTICS).
(2)
DRV (Gate Drive): The DRV pin is connected to the MOSFET gate pin, usually through a series resistor. The
gate driver provides a gate-drive signal limited to 14 V. The turn-on characteristic of the driver is a 25-mA current
source which limits the turn-on dv/dt of the MOSFET drain and reduces the leading-edge current spike, but still
provides gate-drive current to overcome the Miller plateau. The gate-drive turn-off current is determined by the
low-side driver RDS(on) and any external gate-drive resistance. The user can reduce the turn-off MOSFET drain
dv/dt by adding external gate resistance.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: UCC28710, UCC28711 UCC28712, UCC28713 UCC28714, UCC28715


Similar Part No. - UCC28711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28711 TI1-UCC28711 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28711 TI1-UCC28711 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
UCC28711D TI1-UCC28711D Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
UCC28711DR TI1-UCC28711DR Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
More results

Similar Description - UCC28711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
   Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI1-UCC28700_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720_15 Datasheet
1Mb / 33P
[Old version datasheet]   UCC28720 Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI-UCC28700_15 Datasheet
1Mb / 35P
[Old version datasheet]   UCC2870x Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com