Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28711D Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28711D
Description  Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28711D Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC28711D Datasheet HTML 6Page - Texas Instruments UCC28711D Datasheet HTML 7Page - Texas Instruments UCC28711D Datasheet HTML 8Page - Texas Instruments UCC28711D Datasheet HTML 9Page - Texas Instruments UCC28711D Datasheet HTML 10Page - Texas Instruments UCC28711D Datasheet HTML 11Page - Texas Instruments UCC28711D Datasheet HTML 12Page - Texas Instruments UCC28711D Datasheet HTML 13Page - Texas Instruments UCC28711D Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
3.94
3.96
3.98
4
4.02
4.04
4.06
4.08
4.1
4.12
-50
-25
0
25
50
75
100
125
T
J - Temperature (
oC)
C003
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
T
J - Temperature (
oC)
C004
I
VSLRUN
I
VSLSTOP
0.0001
0.001
0.01
0.1
1
10
0
5
10
15
20
25
30
35
VDD - Bias Supply Voltage (V)
C001
Run State
VDD Turn-Off
Wait State
VDD Turn-On
Start State
/\
\/
0.0001
0.001
0.01
0.1
1
10
-50
-25
0
25
50
75
100
125
T
J - Temperature (
oC)
C002
I
RUN, VDD = 25V
I
WAIT, VDD = 25V
I
START, VDD = 18V
UCC28710, UCC28711
UCC28712, UCC28713
UCC28714, UCC28715
SLUSB86 – NOVEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS
VDD = 25 V, unless otherwise noted.
Figure 1. Bias Supply Current vs. Bias Supply Voltage
Figure 2. Bias Supply Current vs. Temperature
Figure 3. VS Regulation Voltage vs. Temperature
Figure 4. VS Line Sense Current vs. Temperature
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: UCC28710, UCC28711 UCC28712, UCC28713 UCC28714, UCC28715


Similar Part No. - UCC28711D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28711D TI1-UCC28711D Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
UCC28711DR TI1-UCC28711DR Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
More results

Similar Description - UCC28711D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
   Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI1-UCC28700_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720_15 Datasheet
1Mb / 33P
[Old version datasheet]   UCC28720 Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI-UCC28700_15 Datasheet
1Mb / 35P
[Old version datasheet]   UCC2870x Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com