Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADM1030 Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-ADM1030
Description  Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADM1030 Datasheet(HTML) 6 Page - Analog Devices

Back Button EVAL-ADM1030 Datasheet HTML 2Page - Analog Devices EVAL-ADM1030 Datasheet HTML 3Page - Analog Devices EVAL-ADM1030 Datasheet HTML 4Page - Analog Devices EVAL-ADM1030 Datasheet HTML 5Page - Analog Devices EVAL-ADM1030 Datasheet HTML 6Page - Analog Devices EVAL-ADM1030 Datasheet HTML 7Page - Analog Devices EVAL-ADM1030 Datasheet HTML 8Page - Analog Devices EVAL-ADM1030 Datasheet HTML 9Page - Analog Devices EVAL-ADM1030 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
EVAL-ADM1030/31
–6–
REV. PrA
Preliminary Technical Data
PRELIMINAR
Y
TECHNICAL
DA
TA
CONNECTORS AND SWITCHES AND INDICATORS
The function of the various connectors, switches and
indicators on the evaluation board are explained below.
CENTRONICS CONNECTOR (J3)
The evaluation board may be connected to the personal
computer via the parallel printer port using the centronics
cable provided.
POWER CONNECTORS (J4 & J6)
Power is supplied to the board via J6 using a 15V Power
Supply mains adaptor. This adaptor is not included in the
evaluation kit. Alternatively power may be supplied to the
board via J4 thus allowing a desktop power supply to be
used.
TEST CONNECTOR (J7)
J7 is provided as a test connector on the ADM1030/31
evaluation board. The remote thermal diode pins, SMBus
and Power pins are all connected to here. This allows the
user easy access to ADM1030/31 signals.
An off board thermal sensor may be connected as the
external sensor via the remote thermal diode pins of the
test connector.
FAN CONNECTORS (J1 AND J2)
The fans which are to be controlled by the ADM1030/31
are connected to the board using these connectors.
SMBUS CONNECTOR (J8)
This connector allows the user easy access to the SMBus
signals and may be used if the user wishes to communicate
with the ADM1030/31 in a different way other than using
the Centronics connector.
TACH\AIN SWITCH (S1 AND S2)
This essentially allows the user to switch between a fan
with a Tach Signal and one without. In this case switching
off the Tach signal will automatically switch in the Rsense
circuit which is used to determine the fan speed without
the Tach signal. Details of this method of fan speed
measurement are provided on the datasheet.
REMOTE DIODE SWITCH (S3 AND S4)
This switch allows the user to choose between the on-
board remote temperature sensors (Q3 and Q4) and ones
that can be connected to the test connector J7. When the
switch is in the on position the on-board sensors are
selected. When it is in the off position the off-board sensor
is selected.
ADDRESS SELECT SWITCH (S5)
The ADM1030/31 has an SMBus Address pin (ADD).
This is a tri-state logic input which sets the lower 2 bits of
the SMBus address.
TABLE1. ADD PIN TRUTH TABLE
ADD Pin
A1
A0
SW5
Gnd
0
0
Lo
No Connect
1
0
Center
Vcc
0
1
Hi
THERM LED (D1)
This LED illuminates whenever a measured temperature
exceeds a pre-programmed
THERM Limit.
FAN_FAULT LED (D2)
This LED will illuminate whenever a fan fault is detected.
If there is a second fan connected then this should spin up
to full speed.
POWER LED (D3)
This LED illuminates whenever power is supplied to the
board.
INT LED (D4)
This LED
illuminates whenever the ADM1030/31 issues
an interrupt signal (eg. when an out of limit measurement
is made). For more information on the various conditions
which cause INT to be pulled low please see the datasheet.


Similar Part No. - EVAL-ADM1030

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADM1021AEB AD-EVAL-ADM1021AEB Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1026EB AD-EVAL-ADM1026EB Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
EVAL-ADM1028 AD-EVAL-ADM1028 Datasheet
216Kb / 9P
   Evaluation Board for PC Temperature Monitor and Fan Control ASIC
REV. PrA 05/2000
More results

Similar Description - EVAL-ADM1030

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
logo
ON Semiconductor
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
logo
Texas Instruments
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
Analog Devices
EVAL-ADM1028 AD-EVAL-ADM1028 Datasheet
216Kb / 9P
   Evaluation Board for PC Temperature Monitor and Fan Control ASIC
REV. PrA 05/2000
logo
ON Semiconductor
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
ADM1029 AD-ADM1029 Datasheet
332Kb / 48P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
REV. 0
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com