|
| MAT03 |
|
||
|
AD |
|
6 page
–6– REV. B MAT03 Figure 12. SPICE or SABER Model APPLICATIONS INFORMATION MAT03 MODELS The MAT03 model (Figure 12) includes parasitic diodes D3 through D6. D1 and D2 are internal protection diodes which prevent zenering of the base-emitter junctions. The analysis programs, SPICE and SABER, are primarily used in evaluating the functional performance of systems. The mod- els are provided only as an aid in utilizing these simulation programs. MAT03 NOISE MEASUREMENT All resistive components (Johnson noise, en 2 = 4kTBR, or e n = 0.13 √R nV/√Hz, where R is in kΩ) and semiconductor junctions (Shot noise, caused by current flowing through a junction, pro- duces voltage noise in series impedances such as transistor- collector load resistors, In = 0.566 √I pA/√Hz where I is in µA) contribute to the system input noise. Figure 13 illustrates a technique for measuring the equivalent input noise voltage of the MAT03. 1 mA of stage current is used Figure 13. MAT03 Voltage Noise Measurement Circuit |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MAT02 | Low Noise Matched Dual Monolithic Transistor | 1 2 3 4 5 More | Analog Devices |
| CMPT992 | PNP SILICON LOW NOISE TRANSISTOR | 1 2 | Central Semiconductor Corp |
| 2N3799 | PNP LOW NOISE AMPLIFIER TRANSISTOR | 1 2 | Seme LAB |
| ZXTD1M832 | MPPSTM Miniature Package Power Solutions DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR | 1 2 3 4 5 More | Zetex Semiconductors |
| 2N3799X | PNP LOW NOISE AMPLIFIER TRANSISTOR | 1 2 | Seme LAB |
| ZX3CD2S1M832 | MPPS Miniature Package Power Solutions 20V PNP LOW SATURATION TRANSISTOR AND 40V 1A SCHOTTKY DIODE COMBINATION DUAL | 1 2 3 4 5 More | Zetex Semiconductors |
| BC559 | EPITAXIAL PLANAR PNP TRANSISTOR LOW NOISE | 1 | KEC(Korea Electronics) |
| ZX3CD1S1M832 | 12V PNP LOW SATURATION TRANSISTOR AND 40V 1A SCHOTTKY DIODE COMBINATION DUAL | 1 2 3 4 5 More | Zetex Semiconductors |
| DMDT9922 | PNP DUAL MATCHED PAIR SURFACE MOUNT TRANSISTOR | 1 2 | Diodes Incorporated |
| KTA1266L | EPITAXIAL PLANAR PNP TRANSISTOR LOW NOISE AMPLIFIER | 1 | KEC(Korea Electronics) |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |