|
| MAT03 |
|
||
|
AD |
|
4 page
–4– REV. B MAT03 Figure 2. Current Gain vs. Temperature Figure 1. Current Gain vs. Collector Current Figure 3. Gain Bandwidth vs. Collector Current Figure 4. Base-Emitter Voltage vs. Collector Current Figure 5. Small-Signal Input Resistance (hie) vs. Collector Current Figure 6. Small Signal Output Con- ductance (hoe) vs. Collector Current |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MAT02 | Low Noise Matched Dual Monolithic Transistor | 1 2 3 4 5 More | Analog Devices |
| CMPT992 | PNP SILICON LOW NOISE TRANSISTOR | 1 2 | Central Semiconductor Corp |
| 2N3799 | PNP LOW NOISE AMPLIFIER TRANSISTOR | 1 2 | Seme LAB |
| ZXTD1M832 | MPPSTM Miniature Package Power Solutions DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR | 1 2 3 4 5 More | Zetex Semiconductors |
| 2N3799X | PNP LOW NOISE AMPLIFIER TRANSISTOR | 1 2 | Seme LAB |
| ZX3CD2S1M832 | MPPS Miniature Package Power Solutions 20V PNP LOW SATURATION TRANSISTOR AND 40V 1A SCHOTTKY DIODE COMBINATION DUAL | 1 2 3 4 5 More | Zetex Semiconductors |
| BC559 | EPITAXIAL PLANAR PNP TRANSISTOR LOW NOISE | 1 | KEC(Korea Electronics) |
| ZX3CD1S1M832 | 12V PNP LOW SATURATION TRANSISTOR AND 40V 1A SCHOTTKY DIODE COMBINATION DUAL | 1 2 3 4 5 More | Zetex Semiconductors |
| DMDT9922 | PNP DUAL MATCHED PAIR SURFACE MOUNT TRANSISTOR | 1 2 | Diodes Incorporated |
| KTA1266L | EPITAXIAL PLANAR PNP TRANSISTOR LOW NOISE AMPLIFIER | 1 | KEC(Korea Electronics) |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |