Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0461034 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0461034
Description  Double-level terminal block, Connection type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0461034 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0461034 Datasheet HTML 1Page - PHOENIX CONTACT 0461034 Datasheet HTML 2Page - PHOENIX CONTACT 0461034 Datasheet HTML 3Page - PHOENIX CONTACT 0461034 Datasheet HTML 4Page - PHOENIX CONTACT 0461034 Datasheet HTML 5Page - PHOENIX CONTACT 0461034 Datasheet HTML 6Page - PHOENIX CONTACT 0461034 Datasheet HTML 7Page - PHOENIX CONTACT 0461034 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/us/produkte/0461034
15.05.2012   Page 1 / 8
Double-level terminal block - SLKK 5-LA 60 RD/U-O - 0461034
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Double-level terminal block, Connection type: Screw connection, Cross section: 0.2 mm² - 4 mm²,
AWG: 24 - 10, Nominal current: 34 A, Nominal voltage: 500 V, Length: 66.5 mm, Width: 6.2 mm,
Color: gray, Assembly: NS 35/7.5, NS 35/15
The illustration shows version
SLKK 5-LA 24 RD/U-O
Product description
Double-level terminal block, Connection type: Screw connection, Cross section: 0.2 mm² - 4 mm², AWG: 24 - 10, Nominal current: 34 A,
Nominal voltage: 500 V, Length: 66.5 mm, Width: 6.2 mm, Color: gray, Assembly: NS 35/7.5, NS 35/15
Why buy this product
 The FBI 10-6 bridge is used in the upper level to connect the return lines for the external loads and LEDs to a common busbar
 Of advantage for controllers with external actuating drives, solenoid valves, and limit switches
 Space-saving and systematic wiring of three-wire cables is therefore possible
 With two laterally offset feed-through levels and protective conductor connection to the DIN rail which acts as a grounding busbar
Key commercial data
Packing unit
1
Minimum order quantity
1
Catalog page
Page 436 (CL1-2011)
GTIN
Weight per piece (including packing)
0.0 GRM
Weight per Piece (excluding packing)
22.02 GRM
Country of origin
POLAND
Technical data
General
Number of levels
3
Number of connections
5
Color
gray
Insulating material
PA
Inflammability class according to UL 94
V0
Dimensions
Width
6.2 mm
Length
66.5 mm
Height NS 35/7.5
69.5 mm


Similar Part No. - 0461034

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0461002.ER LITTELFUSE-0461002.ER Datasheet
192Kb / 4P
   Surface Mount Fuses Surge Resistant > 461 Series TeleLink짰 Fuse
0461002.ERT LITTELFUSE-0461002.ERT Datasheet
201Kb / 3P
   Telecom NANO2짰Fuse 461 Series and Teccor TeleLink짰 Fuse
logo
PHOENIX CONTACT
0461018 PHOENIX-0461018 Datasheet
155Kb / 12P
   Double-level terminal block, Cross section
logo
SUYIN USA, INC.
046101FC SUYIN-USA-046101FC Datasheet
96Kb / 1P
   DC PLUG
logo
PHOENIX CONTACT
0461021 PHOENIX-0461021 Datasheet
60Kb / 4P
   Component terminal block - SLKK 5-LA 24 RD/U-O
More results

Similar Description - 0461034

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0461047 PHOENIX-0461047 Datasheet
102Kb / 8P
   Double-level terminal block, Connection type
3209604 PHOENIX-3209604 Datasheet
62Kb / 5P
   Double-level terminal block - PTTBS 2,5
0461018 PHOENIX-0461018 Datasheet
155Kb / 12P
   Double-level terminal block, Cross section
3211832 PHOENIX-3211832 Datasheet
84Kb / 6P
   Double-level terminal block - PTTBS 4
2774017 PHOENIX-2774017 Datasheet
177Kb / 16P
   Double-level terminal block - UKK 5
1037088 PHOENIX-1037088 Datasheet
88Kb / 5P
   Double-level terminal block - PTTBS 2,5 BN
3208511 PHOENIX-3208511 Datasheet
162Kb / 17P
   Double-level terminal block - PTTB 1,5/S
3209607 PHOENIX-3209607 Datasheet
88Kb / 5P
   Double-level terminal block - PTTBS 2,5 RD
3205153 PHOENIX-3205153 Datasheet
241Kb / 22P
   Double-level terminal block - QTTCB 1,5-PV
09/12/2020
3073908 PHOENIX-3073908 Datasheet
78Kb / 6P
   Double-level terminal block - UKK 5 BK
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com