Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0441041 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 0441041
Description  Ground modular terminal block, Connection method: Screw connection, Cross section
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0441041 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  0441041 Datasheet HTML 1Page - PHOENIX CONTACT 0441041 Datasheet HTML 2Page - PHOENIX CONTACT 0441041 Datasheet HTML 3Page - PHOENIX CONTACT 0441041 Datasheet HTML 4Page - PHOENIX CONTACT 0441041 Datasheet HTML 5Page - PHOENIX CONTACT 0441041 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
https://www.phoenixcontact.com/us/produkte/0441041
14.05.2012   Page 5 / 6
Ground modular terminal block - USLKG 95 - 0441041
Accessories
DIN rail - NS 32 AL UNPERF 2000MM - 1201028
G rail 32 mm (NS 32)
 
 
DIN rail - NS 32 UNPERF 2000MM - 1201015
G-profile DIN rail, material: Steel, unperforated, height 15 mm, width 32 mm, length 2 m
 
 
DIN rail - NS 32 PERF 2000MM - 1201002
G-profile DIN rail, material: Steel, perforated, height 15 mm, width 32 mm, length 2 m
 
 
DIN rail - NS 35/15 CU UNPERF 2000MM - 1201895
DIN rail, material: Copper, unperforated, 1.5 mm thick, height 15 mm, width 35 mm, length: 2 m
 
 
DIN rail perforated - NS 35/15 PERF 2000MM - 1201730
DIN rail, material: steel galvanized and passivated with a thick layer, perforated, height 15 mm, width 35 mm, length: 2000 mm
 
 
Marking


Similar Part No. - 0441041

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
0441041000102 AMPHENOL-0441041000102 Datasheet
209Kb / 1P
   RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000202 AMPHENOL-0441041000202 Datasheet
209Kb / 1P
   RECEPTACLE CONECTOR MINIATURE 1 THRU 6 CONTACT
0441041000302 AMPHENOL-0441041000302 Datasheet
209Kb / 1P
   RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000402 AMPHENOL-0441041000402 Datasheet
209Kb / 1P
   RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000602 AMPHENOL-0441041000602 Datasheet
209Kb / 1P
   RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
More results

Similar Description - 0441041

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0441025 PHOENIX-0441025 Datasheet
69Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441083 PHOENIX-0441083 Datasheet
92Kb / 7P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441517 PHOENIX-0441517 Datasheet
64Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0444019 PHOENIX-0444019 Datasheet
82Kb / 6P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441106 PHOENIX-0441106 Datasheet
64Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441119 PHOENIX-0441119 Datasheet
91Kb / 8P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0443023 PHOENIX-0443023 Datasheet
90Kb / 8P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0444048 PHOENIX-0444048 Datasheet
68Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0446017 PHOENIX-0446017 Datasheet
60Kb / 4P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441012 PHOENIX-0441012 Datasheet
83Kb / 6P
   Ground modular terminal block, Connection method: Screw connection, Cross section
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com