Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0441041 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0441041
Description  Ground modular terminal block, Connection method: Screw connection, Cross section
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0441041 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0441041 Datasheet HTML 1Page - PHOENIX CONTACT 0441041 Datasheet HTML 2Page - PHOENIX CONTACT 0441041 Datasheet HTML 3Page - PHOENIX CONTACT 0441041 Datasheet HTML 4Page - PHOENIX CONTACT 0441041 Datasheet HTML 5Page - PHOENIX CONTACT 0441041 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/us/produkte/0441041
14.05.2012   Page 2 / 6
Ground modular terminal block - USLKG 95 - 0441041
Technical data
Technical data
Maximum load current
232 A (with 95 mm2 conductor cross section)
Rated surge voltage
8 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Connection in acc. with standard
IEC 60947-7-2
Nominal current IN
232 A
Open side panel
nein
Connection data
Conductor cross section solid min.
25 mm²
Conductor cross section solid max.
95 mm²
Conductor cross section stranded min.
25 mm²
Conductor cross section stranded max.
95 mm²
Conductor cross section AWG/kcmil min.
4
Conductor cross section AWG/kcmil max
3/0
Conductor cross section stranded, with ferrule without plastic
sleeve min.
35 mm²
Conductor cross section stranded, with ferrule without plastic
sleeve max.
95 mm²
Conductor cross section stranded, with ferrule with plastic sleeve
min.
35 mm²
Conductor cross section stranded, with ferrule with plastic sleeve
max.
95 mm²
2 conductors with same cross section, solid min.
25 mm²
2 conductors with same cross section, solid max.
35 mm²
2 conductors with same cross section, stranded min.
25 mm²
2 conductors with same cross section, stranded max.
35 mm²
2 conductors with same cross section, stranded, ferrules without
plastic sleeve, min.
16 mm²
2 conductors with same cross section, stranded, ferrules without
plastic sleeve, max.
35 mm²
Connection method
Screw connection
Stripping length
30 mm
Screw thread
M8
Tightening torque, min
15 Nm
Tightening torque max
20 Nm
Classifications
eclass
eClass 4.0
27141120
eClass 4.1
27141120
eClass 5.0
27141120
eClass 5.1
27141120


Similar Part No. - 0441041

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
0441041000102 AMPHENOL-0441041000102 Datasheet
209Kb / 1P
   RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000202 AMPHENOL-0441041000202 Datasheet
209Kb / 1P
   RECEPTACLE CONECTOR MINIATURE 1 THRU 6 CONTACT
0441041000302 AMPHENOL-0441041000302 Datasheet
209Kb / 1P
   RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000402 AMPHENOL-0441041000402 Datasheet
209Kb / 1P
   RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000602 AMPHENOL-0441041000602 Datasheet
209Kb / 1P
   RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
More results

Similar Description - 0441041

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0441025 PHOENIX-0441025 Datasheet
69Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441083 PHOENIX-0441083 Datasheet
92Kb / 7P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441517 PHOENIX-0441517 Datasheet
64Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0444019 PHOENIX-0444019 Datasheet
82Kb / 6P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441106 PHOENIX-0441106 Datasheet
64Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441119 PHOENIX-0441119 Datasheet
91Kb / 8P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0443023 PHOENIX-0443023 Datasheet
90Kb / 8P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0444048 PHOENIX-0444048 Datasheet
68Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0446017 PHOENIX-0446017 Datasheet
60Kb / 4P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441012 PHOENIX-0441012 Datasheet
83Kb / 6P
   Ground modular terminal block, Connection method: Screw connection, Cross section
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com