Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE5501-2 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE5501-2
Description  Type N, 18 GHz VNA Calibration Kit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5501-2 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE5501-2 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PE5501-KIT
Type N, 18 GHz
VNA Calibration Kit
(1)
Pasternack reserves the right to change specifications or information without notice.
(2)
Specifications are for both Male (Plug) and Female (Jack) components.
100412 Rev. 1
1 of 1
Product Features
Broad VNA Coverage, including Agilent® & Anritsu®
Open, Load, Fixed Broadband load configuration.
DC to 18 GHz
Stainless Steel Type N
Description
The PE5501-KIT Calibration Kit is designed for use with
a broad range of vector network analyzers, using a
Short-Open-Load calibration technique to perform a
one-path,
two port
or
a
full two-port
calibration.
Calibration coefficients are included for configuring a
network analyzer.
Specifications (1)
Parameter
Units
Value
Description
Impedance
ohms
50Ω
Frequency
GHz
18
Operates from DC to 18 GHz
Connector Type
Type N
Return Loss
Open
(2) ≤ 4 GHz
dB
≤ 0.10
Open
(2) ≤ 18 GHz
dB
≤ 0.20
Short
(2) ≤ 4 GHz
dB
≤ 0.10
Short
(2) ≤ 18 GHz
dB
≤ 0.15
Load
(2) ≤ 4 GHz
dB
≥ 40
Load
(2) ≤ 18 GHz
dB
≥ 30
Phase Deviation
Open
(2) ≤ 4 GHz
degs.
≤ 1.5º
Open
(2) ≤ 18 GHz
degs.
≤ 3.0º
Short
(2) ≤ 4 GHz
degs.
≤ 1.2º
Short
(2) ≤ 18 GHz
degs.
≤ 2.5º
Resistance, Load
Ohms
50Ω ± 0.25Ω
Power Handling, Load
Watts
≤ 0.5
0º to 50º C
Ordering Information
Part Number
Description
PE5501-KIT
N Type Standard Calibration Kit
Items Included in Kit
PE5501-1
Open Circuit, Male (Plug)
PE5501-2
Open Circuit, Female (Jack)
PE5501-3
Short Circuit, Male (Plug)
PE5501-4
Short Circuit, Female (Jack)
PE5501-5
Broadband Load, Male (Plug)
PE5501-6
Broadband Load, Female (Jack)
PE5011-7
Type N Torque Wrench


Similar Part No. - PE5501-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5501-2 PASTERNACK-PE5501-2 Datasheet
165Kb / 1P
   OPEN CIRCUIT: FEMALE:PE5501-KIT COMPONENT
More results

Similar Description - PE5501-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5500-KIT PASTERNACK-PE5500-KIT Datasheet
88Kb / 1P
   3.5mm, 26.5 GHz VNA Calibration Kit
logo
Rosenberger Hochfrequen...
08CK010-150 ROSENBERGER-08CK010-150 Datasheet
545Kb / 3P
   Calibration Kit
119CK010-150 ROSENBERGER-119CK010-150 Datasheet
783Kb / 3P
   Calibration Kit
09CK010-150 ROSENBERGER-09CK010-150 Datasheet
546Kb / 3P
   Calibration Kit
08CK001-150 ROSENBERGER-08CK001-150 Datasheet
775Kb / 3P
   Calibration Kit
64CK070-150 ROSENBERGER-64CK070-150 Datasheet
556Kb / 2P
   Calibration Kit
53K38R-MSON3 ROSENBERGER-53K38R-MSON3 Datasheet
541Kb / 3P
   Calibration Kit
60K34R-MSON3 ROSENBERGER-60K34R-MSON3 Datasheet
847Kb / 3P
   Calibration Kit
60S36R-MSON3 ROSENBERGER-60S36R-MSON3 Datasheet
819Kb / 3P
   Calibration Kit
05CK010-150 ROSENBERGER-05CK010-150 Datasheet
648Kb / 3P
   Calibration Kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com