Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1754C-19-BB-SC-06 Datasheet(PDF) 1 Page - Emcore Corporation

Part # 1754C-19-BB-SC-06
Description  C-Band DWDM DFB Laser Component
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1754C-19-BB-SC-06 Datasheet(HTML) 1 Page - Emcore Corporation

  1754C-19-BB-SC-06 Datasheet HTML 1Page - Emcore Corporation 1754C-19-BB-SC-06 Datasheet HTML 2Page - Emcore Corporation 1754C-19-BB-SC-06 Datasheet HTML 3Page - Emcore Corporation 1754C-19-BB-SC-06 Datasheet HTML 4Page - Emcore Corporation 1754C-19-BB-SC-06 Datasheet HTML 5Page - Emcore Corporation 1754C-19-BB-SC-06 Datasheet HTML 6Page - Emcore Corporation 1754C-19-BB-SC-06 Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET | JANUARY 2013
FIBER OPTICS
| REV 2013.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
CATV Broadcast Networks
Networks with Limited Fiber
Archtectures Using Separate Optical
Wavelengths to Carry Targeted Services
Features
Standard ITU Grid Wavelengths
Advanced Analog Chip Design
Reduced Equipment Requirements in
the Hub
OC-48 Pin Out
Telcordia Technologies™ 468 Compliant
Wide Temperature Range – Stable Even
in Harsh Environments
RoHS Compliant
The 1754C laser component is a Dense Wavelength Division Multiplexing
(DWDM) laser for analog CATV applications. It features a distributed-feedback
(DFB) device that has been designed specifically for radio frequency (RF) and
CATV applications. The 1754C laser component has a wide temperature range for
reliable performance in harsh node environments and narrow transmitter designs.
It also features low adiabatic chirp to maximize signal quality in short and long
lengths of fiber. The laser’s excellent inherent linearity minimizes degradation of
the broadcast signals caused by quadrature amplitude modulated (QAM)
channels.
The 1754C is available in all C-band ITU grid wavelengths.
Performance Highlights
Min
Typical
Max
Units
Available Wavelengths
See page 3
nm
Operating Temperature Range
-40
25
+85
C
Optical Output Power
6 - 16
-
-
mW
Adiabatic Chirp (measured at 500 MHz)
40
-
100
MHz/mA
Composite Second-Order Distortion ( CSO )
-
-
-55
dBc
Composite Triple Beat Distortion ( CTB )
-
-
-64
dBc
Carrier-to-Noise Ratio ( CNR )
52
-
-
dB
Frequency Range
5
-
2700
MHz
RF Return Loss
16
-
-
dB
Noise and distortion performance above assume 79 channel NTSC loading with
no QAM, 0 dBm received optical power. See following pages for complete
specifications and operating/test conditions.
1754C C-Band DWDM DFB Laser Component


Similar Part No. - 1754C-19-BB-SC-06

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1754C-19-BB-SC-06 EMCORE-1754C-19-BB-SC-06 Datasheet
715Kb / 7P
   1754C C-Band DWDM DFB Laser Module
1754C-19-BB-SC-06 EMCORE-1754C-19-BB-SC-06 Datasheet
764Kb / 7P
   Standard ITU Grid Wavelengths
More results

Similar Description - 1754C-19-BB-SC-06

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1754C EMCORE-1754C_13 Datasheet
715Kb / 7P
   1754C C-Band DWDM DFB Laser Module
1764-C-BAND EMCORE-1764-C-BAND Datasheet
755Kb / 6P
   1764 1550 nm C-Band DWDM DFB Laser Module
logo
Eudyna Devices Inc
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
logo
Mitsubishi Electric Sem...
ML9XX22 MITSUBISHI-ML9XX22 Datasheet
120Kb / 3P
   2.5Gbps DWDM InGaAsP DFB-LASER DIODE
logo
Eudyna Devices Inc
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
logo
Emcore Corporation
1751A EMCORE-1751A Datasheet
658Kb / 6P
   1550 nm DWDM DFB Laser Module
logo
Eudyna Devices Inc
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
logo
Emcore Corporation
1751A EMCORE-1751A_13 Datasheet
658Kb / 6P
   1751A 1550 nm DWDM DFB Laser Module
1542 EMCORE-1542 Datasheet
787Kb / 4P
   Microwave DFB Laser Microwave DFB Laser
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com