Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1933F-A-SI-A-FA-03-B Datasheet(PDF) 6 Page - Emcore Corporation

Part # 1933F-A-SI-A-FA-03-B
Description  Coaxial DFB Laser Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1933F-A-SI-A-FA-03-B Datasheet(HTML) 6 Page - Emcore Corporation

  1933F-A-SI-A-FA-03-B Datasheet HTML 1Page - Emcore Corporation 1933F-A-SI-A-FA-03-B Datasheet HTML 2Page - Emcore Corporation 1933F-A-SI-A-FA-03-B Datasheet HTML 3Page - Emcore Corporation 1933F-A-SI-A-FA-03-B Datasheet HTML 4Page - Emcore Corporation 1933F-A-SI-A-FA-03-B Datasheet HTML 5Page - Emcore Corporation 1933F-A-SI-A-FA-03-B Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DATASHEET | AUGUST 2012
FIBER OPTICS
| REV 2012.08
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Ordering Code Definitions
1933F - a - ww - x - yy - zz - v
Example
1933F-B-DI-A-SA-10-N: Forward Path Uncooled Coaxial Laser, Enhanced Linearity, Double Isolator, Pinout A, SC/APC
optical connector, 10dBm optical power, No Mounting Bracket
1933 F/R/W Coaxial DFB Laser Diode
1310 nm, Wide Bandwidth 5 MHz – 4000 MHz
Family Name
1933F: Forward Path, Uncooled, Coaxial Laser
1933R: Return Path, Uncooled, Coaxial Laser
1933W: Wideband, Uncooled, Coaxial Laser
Pinout
x = A: Pinout A
Distortion Performance
a = A: Standard Linearity
a = B: Enhanced Linearity (not available for 1933W)
Fiber Length, Optical Connector
yy = FA: FC/APC, 900 micron buffer, 1.0 – 1.4 meter
yy = SA: SC/APC, 900 micron buffer, 1.0 – 1.4 meter
Optical Output Power
zz = 03: 3 dBm (2 mW)
zz = 05: 5 dBm (3 mW)
zz = 06: 6 dBm (4 mW)
zz = 09: 9 dBm (8 mW) – (only available for 1933F and 1933W)
zz = 10: 10 dBm (10 mW) – (only available for 1933F and 1933W)
Mounting Bracket
v = B: Mounting Bracket
v = N: No Mounting Bracket
Optical Isolator
ww = DI: Double Isolator (only available for optical 3 – 6dBm)
ww = SI: Single Isolator


Similar Part No. - 1933F-A-SI-A-FA-03-B

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1933F-A-SI-A-FA-03-B EMCORE-1933F-A-SI-A-FA-03-B Datasheet
485Kb / 6P
   1933 F/R/W Coaxial DFB Laser Diode
More results

Similar Description - 1933F-A-SI-A-FA-03-B

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1935F EMCORE-1935F Datasheet
504Kb / 6P
   Coaxial DFB Laser Diode
1933F-A-A-FA-03-B EMCORE-1933F-A-A-FA-03-B Datasheet
156Kb / 7P
   1310 nm CATV Coaxial DFB Laser Diode
1935FRW EMCORE-1935FRW Datasheet
504Kb / 6P
   1935 F/R/W Coaxial DFB Laser Diode
1955FRW EMCORE-1955FRW Datasheet
505Kb / 6P
   1955 F/R/W Coaxial DFB Laser Diode
1933FRW EMCORE-1933FRW Datasheet
485Kb / 6P
   1933 F/R/W Coaxial DFB Laser Diode
logo
Roithner LaserTechnik G...
RLT1310-30MGS ROITHNER-RLT1310-30MGS Datasheet
526Kb / 2P
   Infrared DFB Laser Diode
RLT1550-20MGS ROITHNER-RLT1550-20MGS Datasheet
526Kb / 2P
   Infrared DFB Laser Diode
RLT1310-20MGS ROITHNER-RLT1310-20MGS Datasheet
526Kb / 2P
   Infrared DFB Laser Diode
logo
California Eastern Labs
NX8601BF-AA CEL-NX8601BF-AA Datasheet
482Kb / 5P
   LASER DIODE 1 625 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Optoway Technology Inc
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com