Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1782A-NM-100-16-FC-PM Datasheet(PDF) 2 Page - Emcore Corporation

Part # 1782A-NM-100-16-FC-PM
Description  DWDM High Power CW Source Laser
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1782A-NM-100-16-FC-PM Datasheet(HTML) 2 Page - Emcore Corporation

  1782A-NM-100-16-FC-PM Datasheet HTML 1Page - Emcore Corporation 1782A-NM-100-16-FC-PM Datasheet HTML 2Page - Emcore Corporation 1782A-NM-100-16-FC-PM Datasheet HTML 3Page - Emcore Corporation 1782A-NM-100-16-FC-PM Datasheet HTML 4Page - Emcore Corporation 1782A-NM-100-16-FC-PM Datasheet HTML 5Page - Emcore Corporation 1782A-NM-100-16-FC-PM Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATASHEET | DECEMBER 2012
FIBER OPTICS
| REV 2012.12
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress
ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the
operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect
device reliability.
Parameter
Symbol
Condition
Min
Max
Units
Operating Case Temperature
TOP
continuous
-20
+65
C
Storage Temperature
TSTG
continuous
-40
+85
C
Laser Forward dc Current
-
continuous
-
750
mA
Photodiode Reverse Voltage
VR,MPD
continuous
-
10
V
Laser Reverse Voltage
-
continuous
-
2
V
TEC current
ITEC
continuous
-
1.7
A
ESD
-
HBM: R = 1500
, C = 100 pF
-500
500
V
Electrical/Optical Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operating Case Temperature
1
Top
-
-20
25
65
C
Optical Output Power
PO
40 mW version, T = Tset, IF = IOP
50 mW version, T = Tset, IF = IOP
63 mW version, T = Tset, IF = IOP
100 mW version, T = Tset, IF = IOP
40
50
63
100
-
-
-
-
-
-
mW
Threshold Current
ITH
BOL
-
-
40
mA
Operating Current
IOP
BOL
-
-
500
mA
Operating Laser Temperature
-
23
-
33
°C
Laser Bias Forward Voltage
VOP
BOL, IF = IOP
-
-
2.5
V
Wavelength
OP
T = Tset, IF = IOP
See Page 4
nm
Spectral Linewidth
(1)

T = Tset, IF = IOP, FWHM
-
-
1.0
MHz
Optical Isolation
ISO
-
32
-
-
dB
Optical Return Loss
ORL
-
40
-
-
dB
Sidemode Suppression Ratio
SMSR
-
30
-
-
dB
Polarization Extinction Ratio
PER
IF = IOP
17
-
-
dB
Wavelength Drift Over TC Range

TOP
T = TOP
-
-
40
pm
Relative Intensity Noise
RIN
-
-
-
-163
dB/Hz
Monitor PD Current
IMPD
IF = IOP , VMPD = -5 V
100
-
2500
A
Monitor PD Dark Current
ID
IOP = 0 mA , VMPD = -5 V
-
-
0.2
A
Thermistor Resistance
RTH
TOP = 25 C
9.5
10.0
10.5
K
Thermistor Temp. Coefficients
TCTH
TOP = 25 C
-
-4.4
-
%/
C
TEC Current
ITEC
-20
C < T
C < +65C
-1.0
-
+1.5
A
TEC Voltage
VTEC
-20
C < T
C < +65C
-2.0
-
+3.0
V
1. Linewidth (
) is calculated using this formula:  = RIN(f){16(D2L/c)2f2}-1
Where: D = fiber dispersion; L = fiber length (65km); C = velocity of light in free space (3.00E+8);
 = opt center wavelength
RIN(f) = RIN through fiber (RIN
65km – RIN0km); f = the measurement frequency (860MHz)
1782 DWDM High Power CW Source Laser


Similar Part No. - 1782A-NM-100-16-FC-PM

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1782A-NM-100-01FC-PM EMCORE-1782A-NM-100-01FC-PM Datasheet
495Kb / 6P
   Monitor Photodiode
1782A-NM-100-02FC-PM EMCORE-1782A-NM-100-02FC-PM Datasheet
495Kb / 6P
   Monitor Photodiode
More results

Similar Description - 1782A-NM-100-16-FC-PM

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM Datasheet
700Kb / 6P
   DWDM High Power CW Source Laser
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM_12 Datasheet
509Kb / 6P
   DWDM High Power CW Source Laser
logo
California Eastern Labs
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
M/A-COM Technology Solu...
CW0500-CM-OOR MA-COM-CW0500-CM-OOR Datasheet
158Kb / 2P
   High Power CW Laser Diodes
logo
California Eastern Labs
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
Hamamatsu Corporation
L8411 HAMAMATSU-L8411 Datasheet
72Kb / 2P
   HIGH POWER QUASI-CW LASER DIODE
logo
IC-Haus GmbH
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
   POWER CW LASER DIODE DRIVER
logo
Hamamatsu Corporation
L9777-02 HAMAMATSU-L9777-02_15 Datasheet
256Kb / 2P
   CW laser diodes
L8933 HAMAMATSU-L8933 Datasheet
126Kb / 4P
   CW LASER DIODES
L11408 HAMAMATSU-L11408_15 Datasheet
215Kb / 2P
   High-power Laser Diode CW Stack Bar Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com