Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1782A-NM-100-61-FC-PM Datasheet(PDF) 3 Page - Emcore Corporation

Part # 1782A-NM-100-61-FC-PM
Description  DWDM High Power CW Source Laser
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1782A-NM-100-61-FC-PM Datasheet(HTML) 3 Page - Emcore Corporation

  1782A-NM-100-61-FC-PM Datasheet HTML 1Page - Emcore Corporation 1782A-NM-100-61-FC-PM Datasheet HTML 2Page - Emcore Corporation 1782A-NM-100-61-FC-PM Datasheet HTML 3Page - Emcore Corporation 1782A-NM-100-61-FC-PM Datasheet HTML 4Page - Emcore Corporation 1782A-NM-100-61-FC-PM Datasheet HTML 5Page - Emcore Corporation 1782A-NM-100-61-FC-PM Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATASHEET | DECEMBER 2012
FIBER OPTICS
| REV 2012.12
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Outline Drawing
Pin Assignments
Pin
Description
1
Thermistor
2
Thermistor
3
Dc Laser Bias (-)
4
MPD Anode (-)
5
MPD Cathode (+)
6
Thermal Electric Cooler (+)
7
Thermal Electric Cooler (-)
8
Case Ground
9
Case Ground
10
NC
11
Laser Common (+), Case Ground
12
Laser Modulation (-)
13
Laser Common (+)
14
NC
1782 DWDM High Power CW Source Laser


Similar Part No. - 1782A-NM-100-61-FC-PM

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1782A-NM-100-01FC-PM EMCORE-1782A-NM-100-01FC-PM Datasheet
495Kb / 6P
   Monitor Photodiode
1782A-NM-100-02FC-PM EMCORE-1782A-NM-100-02FC-PM Datasheet
495Kb / 6P
   Monitor Photodiode
More results

Similar Description - 1782A-NM-100-61-FC-PM

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM Datasheet
700Kb / 6P
   DWDM High Power CW Source Laser
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM_12 Datasheet
509Kb / 6P
   DWDM High Power CW Source Laser
logo
California Eastern Labs
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
M/A-COM Technology Solu...
CW0500-CM-OOR MA-COM-CW0500-CM-OOR Datasheet
158Kb / 2P
   High Power CW Laser Diodes
logo
California Eastern Labs
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
Hamamatsu Corporation
L8411 HAMAMATSU-L8411 Datasheet
72Kb / 2P
   HIGH POWER QUASI-CW LASER DIODE
logo
IC-Haus GmbH
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
   POWER CW LASER DIODE DRIVER
logo
Hamamatsu Corporation
L9777-02 HAMAMATSU-L9777-02_15 Datasheet
256Kb / 2P
   CW laser diodes
L8933 HAMAMATSU-L8933 Datasheet
126Kb / 4P
   CW LASER DIODES
L11408 HAMAMATSU-L11408_15 Datasheet
215Kb / 2P
   High-power Laser Diode CW Stack Bar Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com