Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2651A-023-047-N Datasheet(PDF) 2 Page - Emcore Corporation

Part # 2651A-023-047-N
Description  Broadband Photodiode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2651A-023-047-N Datasheet(HTML) 2 Page - Emcore Corporation

  2651A-023-047-N Datasheet HTML 1Page - Emcore Corporation 2651A-023-047-N Datasheet HTML 2Page - Emcore Corporation 2651A-023-047-N Datasheet HTML 3Page - Emcore Corporation 2651A-023-047-N Datasheet HTML 4Page - Emcore Corporation 2651A-023-047-N Datasheet HTML 5Page - Emcore Corporation 2651A-023-047-N Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATASHEET | FEBRUARY 2012
FIBER OPTICS
| REV 2012.02
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress
ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the
operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect
device reliability.
Parameter
Symbol
Min
Max
Unit
Operating Temperature Range
Top
-40
85
°C
Storage Temperature Range
Tstg
-40
85
°C
Input Power Saturation
PIN
-
10
mW
Reverse Voltage
VR
-
30
V
Forward Current
IF
-
10
mA
DC/Optical Characteristics
Parameter
Condition
Min
Typ
Max
Unit
Wavelength
-
1100
-
1600
nm
Responsivity
1310 nm
1550 nm
0.85
0.95
0.90
0.98
-
-
A/W
Dark Current
25
C
85
C
-
-
-
-
5
50
nA
Capacitance
-
-
0.35
0.4
pF
Optical Return Loss
-
-
-40
dB
Bias Voltage
-
10
12
15
V
Fiber Buffer
-
-
900
-
m
Fiber Core / Cladding
-
-
9/125
-
m
RF Characteristic
Parameter
Condition
Min
Typ
Max
Unit
Frequency Range
1
2651A
2651E
-
-
-
-
1000
3000
MHz
Frequency Response
1
2651A/E, peak-to-valley, < 1 GHz
-
-
1
dB
Frequency Response
1
2651E up-tilt gain
2
2
-
4
dB
DSO
1,3
2651A/E, 1310 nm, two tone test
2651E, 1310 nm, two tone test
4
-
-
-
-
-75
-65
dBc
DTB
1,3
2651A/E, 1310 nm, two tone test
2651E, 1310 nm, two tone test
4
-
-
-
-
-85
-75
dBc
1. Characterized with resistive load of 75
.
2. 1 GHz to 3 GHz.
3. Each test laser has 40% OMI. Distortion products are measured at 81, 449, 600, 850. Optical Pin = 0 dBm. Vpd = 12V.
4. Additional test frequencies of 1500, 2000, and 2500 MHz
2651A/2651E Broadband Photodiode


Similar Part No. - 2651A-023-047-N

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2651A-023-047-N EMCORE-2651A-023-047-N Datasheet
528Kb / 6P
   Broadband Photodiode
2651A-023-047-N EMCORE-2651A-023-047-N Datasheet
348Kb / 6P
   2651A/2651E Broadband Photodiode
More results

Similar Description - 2651A-023-047-N

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2651A-020-038-N EMCORE-2651A-020-038-N Datasheet
528Kb / 6P
   Broadband Photodiode
2611A EMCORE-2611A Datasheet
874Kb / 4P
   Broadband Photodiode Module
2609B EMCORE-2609B Datasheet
938Kb / 4P
   Broadband Photodiode Module
logo
Agere Systems
2609C AGERE-2609C Datasheet
49Kb / 4P
   2609C Broadband Photodiode Module
2611A AGERE-2611A Datasheet
49Kb / 4P
   2611A Broadband Photodiode Module
2650A AGERE-2650A Datasheet
57Kb / 4P
   2650A/B Broadband Photodiode
logo
Emcore Corporation
2651AE EMCORE-2651AE Datasheet
348Kb / 6P
   2651A/2651E Broadband Photodiode
logo
Agere Systems
2609B AGERE-2609B Datasheet
49Kb / 4P
   2609B Broadband Photodiode Module
logo
Roithner LaserTechnik G...
PD-1375-IP ROITHNER-PD-1375-IP Datasheet
71Kb / 2P
   photodiode
logo
EPIGAP optoelectronic G...
EPD-270-0-0.3-1 EPIGAP-EPD-270-0-0.3-1 Datasheet
192Kb / 2P
   Photodiode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com