Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1754C-18-RP-FC-16 Datasheet(PDF) 3 Page - Emcore Corporation

Part # 1754C-18-RP-FC-16
Description  C-Band DWDM DFB Laser Component
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1754C-18-RP-FC-16 Datasheet(HTML) 3 Page - Emcore Corporation

  1754C-18-RP-FC-16 Datasheet HTML 1Page - Emcore Corporation 1754C-18-RP-FC-16 Datasheet HTML 2Page - Emcore Corporation 1754C-18-RP-FC-16 Datasheet HTML 3Page - Emcore Corporation 1754C-18-RP-FC-16 Datasheet HTML 4Page - Emcore Corporation 1754C-18-RP-FC-16 Datasheet HTML 5Page - Emcore Corporation 1754C-18-RP-FC-16 Datasheet HTML 6Page - Emcore Corporation 1754C-18-RP-FC-16 Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DATASHEET | JANUARY 2013
FIBER OPTICS
| REV 2013.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
RF Characteristic
Laser Temperature (TL) = 25
oC, I
F=IOP, Beginning of Life (BOL)
Parameter
Symbol
Condition
Min
Typ
Max
Units
Carrier-to-Noise Ratio
(1)
CNR
79 NTSC, 3.3% OMI
1 m fiber min, 4.2 MHz NBW
52
-
-
dB
Composite Second-Order
(1)
CSO
79 NTSC, 3.3% OMI
1 m fiber min
-55
dBm
Composite Triple Beat
(1)
CTB
79 NTSC, 3.3% OMI
1 m fiber min
-
-64
dBc
40 MHz to 890 MHz
IF = 60 mA, TOP = 25C
-
-
1
dBp-p
Frequency Response Flatness
|S21|
5 MHz to 2700 MHz
IF = 60 mA, TOP = 25C
4
dBp-p
RF Return Loss
resistive match 50
 to 25 pad
|S11|
5 MHz to 2700 MHz
IF = 60 mA, TOP = 25C
16
-
-
dB
Carrier-to-Noise Ratio
(2)
CNR
51
-
-
dB
Composite Second-Order
(2)
CSO
-
-
-50
dBm
Composite Triple Beat
(2)
CTB
Channel Loading: Frequencies set
at 7, 13, 19, 25, 31, and 37 MHz
Receiver thermal noise 8 pA*Hz
-0.5
Photodiode responsivity ~1.1 A/W
Noise Bandwidth 4.2 MHz
-
-
-60
dBc
(1). Broadband Forward Path
(2). Return Path. Guaranteed by design, not to test in production.
In order to prevent reflection-induced distortion, the laser must be connected to an optical cable having a return loss of at
least 55 dB for discrete reflections and 30 dB for distributed reflections.
ITU Grid Channel Numbering
Channel
Wavelength
(nm)
Channel
Wavelength
(nm)
Channel
Wavelength
(nm)
62
1527.99
47
1539.77
32
1551.72
61
1528.77
46
1540.56
31
1552.52
60
1529.55
45
1541.35
30
1553.33
59
1530.33
44
1542.14
29
1554.13
58
1531.12
43
1542.94
28
1554.94
57
1531.90
42
1543.73
27
1555.75
56
1532.68
41
1544.53
26
1556.56
55
1533.47
40
1545.32
25
1557.36
54
1534.25
39
1546.12
24
1558.17
53
1535.04
38
1546.92
23
1558.98
52
1535.82
37
1547.72
22
1559.79
51
1536.61
36
1548.51
21
1560.61
50
1537.40
35
1549.32
20
1561.42
49
1538.19
34
1550.12
19
1562.23
48
1538.98
33
1550.92
18
1563.05
1754C C-Band DWDM DFB Laser Component


Similar Part No. - 1754C-18-RP-FC-16

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1754C-18-RP-FC-16 EMCORE-1754C-18-RP-FC-16 Datasheet
715Kb / 7P
   1754C C-Band DWDM DFB Laser Module
1754C-18-RP-FC-16 EMCORE-1754C-18-RP-FC-16 Datasheet
764Kb / 7P
   Standard ITU Grid Wavelengths
More results

Similar Description - 1754C-18-RP-FC-16

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1754C EMCORE-1754C_13 Datasheet
715Kb / 7P
   1754C C-Band DWDM DFB Laser Module
1764-C-BAND EMCORE-1764-C-BAND Datasheet
755Kb / 6P
   1764 1550 nm C-Band DWDM DFB Laser Module
logo
Eudyna Devices Inc
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
logo
Mitsubishi Electric Sem...
ML9XX22 MITSUBISHI-ML9XX22 Datasheet
120Kb / 3P
   2.5Gbps DWDM InGaAsP DFB-LASER DIODE
logo
Eudyna Devices Inc
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
logo
Emcore Corporation
1751A EMCORE-1751A Datasheet
658Kb / 6P
   1550 nm DWDM DFB Laser Module
logo
Eudyna Devices Inc
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
logo
Emcore Corporation
1751A EMCORE-1751A_13 Datasheet
658Kb / 6P
   1751A 1550 nm DWDM DFB Laser Module
1542 EMCORE-1542 Datasheet
787Kb / 4P
   Microwave DFB Laser Microwave DFB Laser
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com