Electronic Components Datasheet Search |
|
1935F-A-SI-A-1351-FA-03-B Datasheet(PDF) 6 Page - Emcore Corporation |
|
1935F-A-SI-A-1351-FA-03-B Datasheet(HTML) 6 Page - Emcore Corporation |
6 / 6 page DATASHEET | AUGUST 2012 FIBER OPTICS | REV 2012.08 Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice. Ordering Code Definitions 1935x - a - bb - c - dddd - ww - yy - z Example 1935F-B-DI-A-1271-SA-10-N: Forward Path Uncooled O-Band CWDM Coaxial Laser, Enhanced Linearity, Double Isolator, Pinout A, 1271 nm, SC/APC optical connector, 10 dBm optical power, no mounting bracket. 1935 F/R/W Coaxial DFB Laser Diode O-Band CWDM 5 MHz – 4000 MHz Family Name 1935F: Forward Path 1935R: Return Path 1935W: Wideband Pinout c = A: Pinout A Distortion Performance a = A: Standard Linearity a = B: Enhanced Linearity (not available for 1935W) Fiber Length, Optical Connector ww = FA: FC/APC, 900 micron buffer, 1.0 – 1.4 meter ww = SA: SC/APC, 900 micron buffer, 1.0 – 1.4 meter Optical Output Power yy = 03: 3 dBm (2 mW) yy = 05: 5 dBm (3 mW) yy = 06: 6 dBm (4 mW) yy = 09: 9 dBm (8 mW) – (only available for 1935F and 1935W) yy = 10: 10 dBm (10 mW) – (only available for 1935F and 1935W) Mounting Bracket z = B: Mounting Bracket z = N: No Mounting Bracket Optical Isolator bb = DI: Double Isolator (only available for optical 3 – 6dBm) bb = SI: Single Isolator O-Band Wavelength dddd = 1271:1271 nm dddd = 1291:1291 nm dddd = 1311:1311 nm dddd = 1331:1331 nm dddd = 1351:1351 nm dddd = 1371:1371 nm |
Similar Part No. - 1935F-A-SI-A-1351-FA-03-B |
|
Similar Description - 1935F-A-SI-A-1351-FA-03-B |