Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CINT1150A1206K01 Datasheet(PDF) 6 Page - SL Power Electronics

Part # CINT1150A1206K01
Description  The CINT1150 family is the latest offering in high density single output open-frame AC/DC power supplies.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT1150A1206K01 Datasheet(HTML) 6 Page - SL Power Electronics

  CINT1150A1206K01 Datasheet HTML 1Page - SL Power Electronics CINT1150A1206K01 Datasheet HTML 2Page - SL Power Electronics CINT1150A1206K01 Datasheet HTML 3Page - SL Power Electronics CINT1150A1206K01 Datasheet HTML 4Page - SL Power Electronics CINT1150A1206K01 Datasheet HTML 5Page - SL Power Electronics CINT1150A1206K01 Datasheet HTML 6Page - SL Power Electronics CINT1150A1206K01 Datasheet HTML 7Page - SL Power Electronics CINT1150A1206K01 Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CINT1150
150W Single Output
Industrial Series
www.slpower.com
CINT1150 REV 2.6, 12-NOV-12
6
Efficiency vs. Loading
The high efficiency is achieved by using LLC technology, PFC topology minimizing switching losses. Synchronous SCHOTTKY or ultra-fast diode is
used as rectifier in CINT1150 family because of high output voltage level.
Ripple & Noise
To verify that the output ripple and noise does not exceed the level specified in the product specification. Measured using a scope probe socket with
0.1uF ceramic and a 10uF electrolytic capacitor connected in parallel across it, 20MHz BW.
24V OUT, NO LOAD, 90VAC, 60HZ
24V OUT, FULL LOAD, 90VAC, 60HZ
24V OUT, NO LOAD, 264VAC, 50HZ
24V OUT, FULL LOAD, 264VAC, 50HZ


Similar Part No. - CINT1150A1206K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1150A1206K01 SLPOWER-CINT1150A1206K01 Datasheet
2Mb / 8P
   the latest offering in high density single output open-frame AC/DC power supplies.
More results

Similar Description - CINT1150A1206K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1150 SLPOWER-CINT1150_13 Datasheet
2Mb / 8P
   the latest offering in high density single output open-frame AC/DC power supplies.
logo
MicroPower Direct, LLC
MPO-25S MPD-MPO-25S Datasheet
228Kb / 2P
   Single Output, 25W Compact, Open Frame AC/DC Power Supplies
MPO-120S MPD-MPO-120S Datasheet
2Mb / 5P
   Single Output, 180W Compact, Open Frame AC/DC Power Supplies
MPG-120S MPD-MPG-120S Datasheet
354Kb / 2P
   Single Output, 120W Green, Open Frame AC/DC Power Supplies
MPO-45S MPD-MPO-45S Datasheet
317Kb / 2P
   Single Output, 45W Compact, Open Frame AC/DC Power Supplies
MPO-65S MPD-MPO-65S Datasheet
283Kb / 2P
   Single Output, 65W Compact, Open Frame AC/DC Power Supplies
logo
Wall Industries,Inc.
PSMBU31 WALL-PSMBU31 Datasheet
224Kb / 3P
   AC/DC Open Frame Power Supplies
logo
MicroPower Direct, LLC
MPO-40D MPD-MPO-40D Datasheet
395Kb / 2P
   Open Frame AC-DC Power Supplies
logo
Wall Industries,Inc.
PSSBU99 WALL-PSSBU99 Datasheet
106Kb / 3P
   AC/DC Open Frame Power Supplies
PSMBU152 WALL-PSMBU152 Datasheet
410Kb / 3P
   AC/DC Open Frame Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com