Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP184ES Datasheet(PDF) 2 Page - Analog Devices

Part # OP184ES
Description  Precision Rail-to-Rail Input & Output Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP184ES Datasheet(HTML) 2 Page - Analog Devices

  OP184ES Datasheet HTML 1Page - Analog Devices OP184ES Datasheet HTML 2Page - Analog Devices OP184ES Datasheet HTML 3Page - Analog Devices OP184ES Datasheet HTML 4Page - Analog Devices OP184ES Datasheet HTML 5Page - Analog Devices OP184ES Datasheet HTML 6Page - Analog Devices OP184ES Datasheet HTML 7Page - Analog Devices OP184ES Datasheet HTML 8Page - Analog Devices OP184ES Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
OP184/OP284/OP484–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ Max Units
INPUT CHARACTERISTICS
Offset Voltage “OP184/284E” Grade
VOS
(Note 1)
65
µV
–40
°C ≤ T
A ≤ +125°C
165
µV
Offset Voltage “OP184/284F” Grade
VOS
125
µV
–40
°C ≤ T
A
≤ +125°C
350
µV
Offset Voltage “OP484E” Grade
VOS
75
µV
–40
°C ≤ T
A
≤ +125°C
175
µV
Offset Voltage “OP484F” Grade
VOS
150
µV
–40
°C ≤ T
A ≤ +125°C
450
µV
Input Bias Current
IB
60
350
nA
–40
°C ≤ T
A
≤ +125°C
575
nA
Input Offset Current
IOS
250
nA
–40
°C ≤ T
A
≤ +125°C50
nA
Input Voltage Range
0+5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 5 V
60
dB
Common-Mode Rejection Ratio
CMRR
VCM = 1.0 V to 4.0 V, –40
°C ≤ T
A
≤ +125°C86
dB
Large Signal Voltage Gain
AVO
RL = 2 k
Ω, 1 V ≤ V
O
≤ 4 V
50
240
V/mV
RL = 2 kΩ, –40°C ≤ TA ≤ +125°C
25
V/mV
Bias Current Drift
∆I
B/
∆T
150
pA/
°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1.0 mA
+4.85
V
Output Voltage Low
VOL
IL = 1.0 mA
125
mV
Output Current
IOUT
±6.5
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = +2.0 V to +10 V, –40
°C ≤ T
A
≤ +125°C76
dB
Supply Current/Amplifier
ISY
VO = 2.5 V, –40
°C ≤ T
A
≤ +125°C
1.45
mA
Supply Voltage Range
VS
+3
+36
V
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
1.65
2.4
V/
µs
Settling Time
ts
To 0.01%, 1.0 V Step
2.5
µs
Gain Bandwidth Product
GBP
3.25
MHz
Phase Margin
Øo
45
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.3
µV p-p
Voltage Noise Density
en
f = 1 kHz
3.9
nV/
√Hz
Current Noise Density
in
0.4
pA/
√Hz
NOTES
1Input Offset Voltage measurements are performed by automated test equipment approximately 0.5 seconds after application of power.
Specifications subject to change without notice.
REV. 0
–2–
(@ VS = +5.0 V, VCM = 2.5 V, TA = +25 C unless otherwise noted)


Similar Part No. - OP184ES

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP184ES AD-OP184ES Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184ES AD-OP184ES Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP184ES-REEL AD-OP184ES-REEL Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP184ES-REEL7 AD-OP184ES-REEL7 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP184ESZ AD-OP184ESZ Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
More results

Similar Description - OP184ES

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP484 AD-OP484_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8615 AD-AD8615 Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com