Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1751A-61-BB-PG-10 Datasheet(PDF) 2 Page - Emcore Corporation

Part # 1751A-61-BB-PG-10
Description  1550 nm DWDM DFB Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1751A-61-BB-PG-10 Datasheet(HTML) 2 Page - Emcore Corporation

  1751A-61-BB-PG-10 Datasheet HTML 1Page - Emcore Corporation 1751A-61-BB-PG-10 Datasheet HTML 2Page - Emcore Corporation 1751A-61-BB-PG-10 Datasheet HTML 3Page - Emcore Corporation 1751A-61-BB-PG-10 Datasheet HTML 4Page - Emcore Corporation 1751A-61-BB-PG-10 Datasheet HTML 5Page - Emcore Corporation 1751A-61-BB-PG-10 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATASHEET | JUNE 2012
FIBER OPTICS
| REV 2012.06
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress
ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the
operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect
device reliability.
Parameter
Symbol
Condition
Min
Max
Units
Operating Case Temperature
TC
continuous
-40
+85
C
Storage Temperature
TSTG
-
-40
+85
C
Laser Forward dc Current
-
-
-
150
mA
Reverse Voltage Photodiode
VRPD
-
-
10
V
Laser Reverse Voltage, dc
VR
-
-
1
V
ESD
-
HBM: R = 1500 Ohm, C = 100 pF
-500
500
V
TEC Current
ITEC
continuous
-1.7
1.7
A
RF Input Power
PRFIN
IF = IOP
-
62
dBmV
Electrical/Optical Characteristics
Laser Temperature (TL) = 25
oC, I
F=IOP, Beginning of Life (BOL)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Wavelength
1
λOP
IF = IOP, T = TOP
1527.94
-
1563.1
nm
Optical Output Power
PO
1751xxxx-06 version
-08 version
-10 version
6
8
10
-
-
-
-
-
-
mW
mW
mW
Slope Efficiency
SE
Points measure @
IF = ITH + 20 mA & IF = ITH + 60 mA
0.16
0.19
-
mW/mA
Optical Isolation
ISO
30
-
-
dB
Sidemode Suppression Ratio
SMSR
35
-
-
dB
Laser Relative Intensity Noise
RIN
IF = ITH + 70 mA,
T = 25
C
-
<-155
-
dB/Hz
Wavelength Drift as Case Temp. is
Changed

IF = 60 mA, T = TOP,
Tc varied from minmax
-
-
0.04
nm
Threshold Current
ITH
-
-
20
mA
Operating Current
IOP
-
-
120
mA
Monitor PD Responsivity
rPD
VRM=5V
10
-
200
μA/mW
Thermistor Resistance
RTH
TOP=25 C
9.5
10
10.5
KΩ
Thermistor Temperature
Coefficient
TCTH
TOP=25 C
-
-4.4
-
%/
C
TEC Current
ITEC
-40<TC<+85C
IF = 100 mA
-1.5
-
1.6
A
Fiber Length
-
May include splice
1.0
1.5
-
m
Fiber Buffer
-
-
-
900
-
m
Fiber Core / Cladding
-
-
-
9/125
-
m
1. Measured Wavelength = Operating wavelength with a tolerance of ± 0.05 nm.
1751A 1550 nm DWDM DFB Laser Module


Similar Part No. - 1751A-61-BB-PG-10

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1751A EMCORE-1751A Datasheet
658Kb / 6P
   1751A 1550 nm DWDM DFB Laser Module
1751A EMCORE-1751A_13 Datasheet
658Kb / 6P
   1751A 1550 nm DWDM DFB Laser Module
More results

Similar Description - 1751A-61-BB-PG-10

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1751A EMCORE-1751A_13 Datasheet
658Kb / 6P
   1751A 1550 nm DWDM DFB Laser Module
1764-C-BAND EMCORE-1764-C-BAND Datasheet
755Kb / 6P
   1764 1550 nm C-Band DWDM DFB Laser Module
logo
List of Unclassifed Man...
DL-5100S ETC1-DL-5100S Datasheet
106Kb / 2P
   1550 nm DFB LASER DIODES
logo
Optoway Technology Inc
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100 Datasheet
112Kb / 2P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Source Photonics, Inc.
C-15-DFBA-PB-SFCHI SOURCE-C-15-DFBA-PB-SFCHI Datasheet
383Kb / 3P
   Analog 1550 nm MQW-DFB Laser Diode Module
logo
Optoway Technology Inc
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com