Electronic Components Datasheet Search |
|
1935W-A-DI-A-1291-SA-03-B Datasheet(PDF) 1 Page - Emcore Corporation |
|
1935W-A-DI-A-1291-SA-03-B Datasheet(HTML) 1 Page - Emcore Corporation |
1 / 6 page DATASHEET | AUGUST 2012 FIBER OPTICS | REV 2012.08 Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice. Applications Video Signal Distribution in HFC and FTTx Nodes Signal Distribution in L-Band and Wireless Remoting Links High Linearity, Low Power Fiber Links Features Linear DFB Laser Design Ouput Power Up to 10 dBm Available Bandwidth 47 – 1002 MHz RoHS Compliance Optical Isolator Low Power Consumption Monitor Photodiode EMCORE’s Model 1935 DFB lasers offer a low cost solution for linear fiber optic links. These components can be cooled with external thermo-electric coolers for high stability, or run without TEC’s to reduce power consumption. The DFB laser builds upon Ortel’s long history of high performance, leading edge designs in CATV, wireless, and high speed digital applications. The laser diode devices are packaged in a compact hermetic assembly together with monitor photodiode and isolator, for flexible integration into various transmitter configurations. Performance Highlights Parameters Min Typical Max Units Operating Case Temperature Range -40 - 85 C Optical Output Power (1) 3 5 6 9 10 - - - - - 4.9 5.9 8.9 9.9 11.9 dBm Frequency Range 5 - 4000 MHz Carrier-to-Noise Ratio (79 channels) (1) 51 - - dB Composite Second Order (79 channels) (1) Standard Linearity Enhanced Linearity - - - - -57 -60 dBc Composite Triple Beat (79 channels) (1) Standard Linearity Enhanced Linearity - - - - -65 -68 dBc Optical Return Loss (1) 45 - - dB Side Mode Suppression Ratio, CW (1) 30 - - dB 1. Performance at Tcase = 25°C 1935 F/R/W Coaxial DFB Laser Diode O-Band CWDM 5 MHz – 4000 MHz |
Similar Part No. - 1935W-A-DI-A-1291-SA-03-B |
|
Similar Description - 1935W-A-DI-A-1291-SA-03-B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |