Electronic Components Datasheet Search |
|
EP850VGGA Datasheet(PDF) 1 Page - Axiomtek Co., Ltd. |
|
EP850VGGA Datasheet(HTML) 1 Page - Axiomtek Co., Ltd. |
|
1 / 1 page * All specifications and photos are subject to change without notice. 101 EP850 Socket P Intel ® Core™2 Duo EPIC SBC with Intel ® GM45 + ICH9M Chipset, VGA/LVDS and PCI-104 Expansion ● Socket P for Intel ® Core™2 Duo processor with FSB 667/800/1066 MHz ● Intel ® GM45/GL45 + ICH9M chipset ● High performance integrated graphics controller ● 6 USB 2.0 ports ● PCI-104 for 32-bit PCI expansion I/O Ordering Information Packing List System MIO 1 x PS/2 keyboard and mouse 2 x RS-232; with +5V/+12V powered SATA 2 x SATA-300 Hardware Monitoring Detect CPU/system temperature, voltage and fan speed Ethernet 2 ports as 10/100/1000Mbps support Wake-on-LAN, RPL/PXE Boot ROMs with Realtek RTL8111B Audio HD Codec audio as MIC-in/Line-in/Line-out/speaker-out with Realtek ALC662 USB 6 x USB 2.0; with USB DiskOnModule supported SMBus System Management Bus for advanced monitoring/control Digital I/O 3 Channels IN and 5 Channels OUT Standard EP850VGGA (P/N: E38B850100) Socket P EPIC SBC with Intel ® Core™2 Duo CPU, VGA/LVDS LCD, 2 10/100/1000Mbps Ethernet, HD audio and 2 COM Standard Quick installation guide, user's manual/utility CD, accessory Accessories Part Number Description Qty 59384500100E Audio cable w/ bracket P=2.0 L=450mm 1 59382631000E 2 x USB 2.0 wafer cable w/ bracket L=180mm 1 5078B850200E CPU heatsink w/ fan 1 CPU Socket P for Intel ® Core™2 Duo processor with FSB 667/800/1066 MHz System Memory 1 x 204-pin SO-DIMM supports DDR3-800/1066 max. up to 4 GB Chipset Intel ® GM45 + ICH9M BIOS AMI SSD 1 x CompactFlash™ type-II Watchdog Timer 255 levels, 1~255 sec. Expansion Interface 1 x PCI-104 for 32-bit PCI supports 3 bus masters Battery Lithium 3V/220mAH Power Input 2 x 2-pin connector +12V DC-in only AT Auto Power ON function supported Power Requirements Intel ® Core™2 Duo T9400 @2.53 GHz, 1GB DDR3 Max. RMS: +12V @ 2.518A Size 165 x 115 mm Board Thickness 1.6 mm Operating Temperature 0° ~ +60°C (32°F ~ 140°F), operation Relative Humidity 10% ~ 95% relative humidity, non-condensing Features Rear view Top view COM 1 D I/O COM 2 VGA LVDS 1 USB 3/4 PS/2 K/B+M/S USB 1/2/5/6 SATA 2 SATA 1 Audio PCI-104 Socket P Ethernet 1/2 DualView DDR3 SO-DIMM CF type-II DDR3 DDR3 DDR3 Display Chipset Intel ® GMA 4500HD graphics core Memory Size Intel ® DVMT 5.0 compliant Display Interface 1 x VGA 1 x LVDS; 18/24-bit single/dual channel AiRD |
Similar Part No. - EP850VGGA |
|
Similar Description - EP850VGGA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |