Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7820C-200-SA-066 Datasheet(PDF) 1 Page - Emcore Corporation

Part # 7820C-200-SA-066
Description  CATV Optical Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

7820C-200-SA-066 Datasheet(HTML) 1 Page - Emcore Corporation

  7820C-200-SA-066 Datasheet HTML 1Page - Emcore Corporation 7820C-200-SA-066 Datasheet HTML 2Page - Emcore Corporation 7820C-200-SA-066 Datasheet HTML 3Page - Emcore Corporation 7820C-200-SA-066 Datasheet HTML 4Page - Emcore Corporation 7820C-200-SA-066 Datasheet HTML 5Page - Emcore Corporation 7820C-200-SA-066 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET | MARCH 2012
FIBER OPTICS
| REV 2012.03
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
Video Signal Distribution in HFC and
FTTx nodes
Features
5 MHz – 200 MHz Bandwidth Supports
the Return Path CATV Application.
Excellent RF Frequency and Distortion
Characteristics for High Linearity.
Low Noise (2 pA/√Hz typ.) Low Power
Dissipation (0.85 W max.) as well as
High RF Output.
RoHS Compliant
Internal Prorietary Impedance Match
Circuitry (75Ω)
Robust Small Package with Single-Mode
Fiber Pigtail and Connector Options
Wide Operating Case Temp Range, -30O
to + 85OC
The 7820C CATV optical receiver is a single-mode fiber pigtailed module featuring
a low-noise, impedance-matched broadband photodiode and RF amplification.
The device receives optical analog and/or digital signals for a range of video
broadcast options, and delivers the corresponding RF electrical output in the 200
MHz HFC return path bandwidth.
The 7820C exhibits excellent distortion performance with values well above
standards over the entire bandwidth and case temperature specifications (5 MHz
– 200 MHz, -40 °C to +85 °C).
Moreover, the proprietary impedance-match circuitry between the photodetector
and RF amplification stages resolves a number of OEM design obstacles with
very low noise performance value, typically less than 2 pA/√Hz.
The 7820C Return Path HFC CATV optical receiver can be used in both 1310 nm
and 1550 nm applications being useful at different points of a given network.
The 7820C is compliant with all criteria of the Restriction of the Use of Hazardous
Substances in Electrical and Electronic Equipment (RoHS) guidelines
2002/95/EC.
Performance Highlights
Parameter
Limits
Frequency Range
5 – 200 MHz
Noise
2 pA/√Hz (typ)
DTO
-70 dBc (typ)
DSO
-65 dBc (typ)
Optical Input Power
Up to +1dBm
Wavelength
1260 – 1620 nm
Power Consumption
0.85 W
7820C CATV Optical Receiver
200 MHz HFC Return Path


Similar Part No. - 7820C-200-SA-066

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
7820C-200-SA-066 EMCORE-7820C-200-SA-066 Datasheet
567Kb / 6P
   200 MHz HFC Return Path
More results

Similar Description - 7820C-200-SA-066

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
7830W EMCORE-7830W Datasheet
504Kb / 4P
   CATV Optical Receiver
7820A EMCORE-7820A Datasheet
579Kb / 6P
   7820A CATV Optical Receiver
2808 EMCORE-2808_16 Datasheet
574Kb / 2P
   Channel CATV Optical Receiver
2809 EMCORE-2809_16 Datasheet
494Kb / 2P
   Channel LDS CATV Optical Receiver
7830W-FA-115 EMCORE-7830W-FA-115 Datasheet
504Kb / 4P
   3 GHz CATV Optical Receiver
2808 EMCORE-2808 Datasheet
301Kb / 2P
   110 Channel CATV Optical Receiver
2807 EMCORE-2807 Datasheet
378Kb / 2P
   Mini-Node CATV Optical Receiver
2807 EMCORE-2807_16 Datasheet
588Kb / 3P
   Mini-Node CATV Optical Receiver
2809 EMCORE-2809 Datasheet
321Kb / 2P
   77 Channel LDS CATV Optical Receiver
2808R-SFSP EMCORE-2808R-SFSP_13 Datasheet
184Kb / 2P
   2808 110 Channel CATV Optical Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com