Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10209E Datasheet(PDF) 3 Page - Emcore Corporation

Part # 10209E
Description  Redundancy Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

10209E Datasheet(HTML) 3 Page - Emcore Corporation

  10209E Datasheet HTML 1Page - Emcore Corporation 10209E Datasheet HTML 2Page - Emcore Corporation 10209E Datasheet HTML 3Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10209 Redundancy Switch
10 MHz to 18 GHz
SA T C O M
C o p yr ig ht © 2010 E m co r e C o r p o r atio n
6 26 293 3 4 00
6 26 293 3 4 28
s atco m -s ales @ em co r e.co m
www.em co r e.co m
P in Inf o r m atio n
Plug-in-D-Sub
5-Pin Molex1&2
5-pin Molex Connector1&2
Description
1
-
-
+15 volts
2
-
-
NC
3
-
-
NC
4
-
-
GND
5
1
5
NC
6
2
4
Input: Low Optical Power Alarm - Primary
7
3
3
Input: Low Optical Power Alarm - Backup
8
4
2
Input3: RF Position Control
If in Manual and Remote
Primary = 0V or Open
Backup = +5V)
9
5
1
Output3: Position of RF Switch
N o te 1: M o lex is a r eg is ter ed tr adem ar k o f M o lex
N o te 2: T he p in num b er s ab o v e ar e b as ed o n the num b er s o n the chas s is b ack p lane.
N o te 3 : O p en p o s itio n av ailab le f o r cus to m er.
P in Inf o r m atio n
B a ck pla ne Connector
Ma ting Connector
Pins
P11 - P18
Molex PN: 22-01-2057
Molex PN: 02-50-0114
P19
Molex PN: 22-01-2097
Molex PN: 02-50-0114
P20
Molex PN: 09-50-3031
Molex PN: 08-50-0108
RF In
P r im ar y
RF In
B ack up
RF O ut
M echanical O utline
Rev : A ug us t 10, 2010


Similar Part No. - 10209E

ManufacturerPart #DatasheetDescription
logo
Heyco.
10209 HEYCO-10209 Datasheet
122Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
Tyco Electronics
102095-2 MACOM-102095-2 Datasheet
72Kb / 1P
   CONTACT, MOD IV, PIN FOR 22-26 AWG
logo
PHOENIX CONTACT
102098 PHOENIX-102098 Datasheet
399Kb / 15P
   PI-EX-NAM/TO-P
logo
rfsolutions.ltd
10209S1-433F RFSOLUTIONS-10209S1-433F Datasheet
75Kb / 5P
   KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
10209S1-525N RFSOLUTIONS-10209S1-525N Datasheet
75Kb / 5P
   KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
More results

Similar Description - 10209E

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
SLR5.100 PULS-SLR5.100 Datasheet
332Kb / 2P
   Redundancy
YRM2.DIODE PULS-YRM2.DIODE Datasheet
537Kb / 19P
   DUAL REDUNDANCY MODULE
logo
Pepperl+Fuchs Inc.
LB9022BP22320.0.E PF-LB9022BP22320.0.E Datasheet
195Kb / 2P
   Redundancy Base Backplane
2021-12-01
logo
PULS GmbH
YR40.241 PULS-YR40.241 Datasheet
522Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.241 PULS-YR80.241 Datasheet
507Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.242 PULS-YR80.242 Datasheet
504Kb / 17P
   DUAL REDUNDANCY MODULE
SLR10.100 PULS-SLR10.100 Datasheet
395Kb / 2P
   Redundancy in square
YR2.DIODE PULS-YR2.DIODE Datasheet
542Kb / 19P
   DUAL REDUNDANCY MODULE
YR40.482 PULS-YR40.482 Datasheet
471Kb / 17P
   DUAL REDUNDANCY MODULE
YR40.242 PULS-YR40.242 Datasheet
473Kb / 17P
   DUAL REDUNDANCY MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com