Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8910B Datasheet(PDF) 6 Page - Emcore Corporation

Part # 8910B
Description  System 8000 Fiber-Optic Interfacility Links
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

8910B Datasheet(HTML) 6 Page - Emcore Corporation

Back Button 8910B Datasheet HTML 2Page - Emcore Corporation 8910B Datasheet HTML 3Page - Emcore Corporation 8910B Datasheet HTML 4Page - Emcore Corporation 8910B Datasheet HTML 5Page - Emcore Corporation 8910B Datasheet HTML 6Page - Emcore Corporation 8910B Datasheet HTML 7Page - Emcore Corporation 8910B Datasheet HTML 8Page - Emcore Corporation 8910B Datasheet HTML 9Page - Emcore Corporation 8910B Datasheet HTML 10Page - Emcore Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
ORTEL a Division of EMCORE
Data Sheet, Rev. 0
System 8000 Fiber-Optic Interfacility Links
March 6, 2003
C-Band, Extended C-Band, X-Band, and Ku-Band Interfacility Link Specifications
These links carry the main transmit and receive signals between the equipment room and the antenna site. Each
fiber-optic path carries one entire polarization. One fiber is used in single strand links and two are used in 1:1
redundant paths. Or, the path may share a fiber-optic link with another path in 1:2 redundant configurations. Each
link is designed to meet and exceed all of the requirements for use in Intelsat Standard A earth stations, even
under conditions of heaviest signal loading.
Typical C-Band Performance
Table 6. C-, Extended C-, X-, and Ku-Band Interfacility Link Specifications: Uplink Path, 8810A Tx/8820A
Rx;
Downlink Path, 8810B Tx/8820B Rx
Parameter
Specification
Symbol
Min
Typ
Max
Unit
Passband:
8810A Tx/8820A Rx
8810A-E08 Tx/8820A-E03
8810B Tx/8820B Rx
8810B-E05 Tx/8820B-E06
5.845
5.845
3.6
3.4
6.425
6.725
4.2
4.2
GHz
GHz
GHz
GHz
Optical Loss Budget:
1310 nm
1550 nm
LOPT
6
12
dB
dB
Nominal RF Input at Max Input Gain:
8810A Tx/8820A Rx
8810B Tx/8820B Rx
RFIN
–15
–30
dBm
dBm
Link Gain (–6 dB With Redundancy Switching):
8810A Tx/8820A Rx
8810B Tx/8820B Rx
G
–13
–11
7
14
dB
dB
Flatness
±0.2/48
±0.7/500
dB/MHz
dB/MHz
Gain Slope
0.02
dB/MHz
Gain Stability at Constant Temperature
∆GT
±0.15/24
dB/hr
Noise Figure at Max Input Gain
(Add 4 dB with Redundancy Switching):
8810A Tx/8820A Rx
8810B Tx/8820B Rx
NF
32
20
dB
dB
Spur-Free Dynamic Range:*
8810A Tx/8820A Rx
8810B Tx/8820B Rx
SDFR
98
96
dB/Hz2/3
dB/Hz2/3
Group Delay:
Peak-to-Peak
Linear
Parabolic
0.5
0.02
0.01
ns
ns/MHz
ns/MHz2
Input/Output Impedance
Z
50
Input/Output VSWR
1.35:1
* Spur-free dynamic range (SFDR) = 2/3(IP3 – NF + 173.8) dB/Hz
2/3; IP3 = input third-order intercept, NF = noise figure. SFDR is the range
where the carrier is above the noise and the third IM is below the noise, C/I = 2x(IP3 – PIN), where PIN = input RF/carrier for two carriers.


Similar Part No. - 8910B

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8910 GILWAY-8910 Datasheet
143Kb / 2P
   T-1 Subminiature Lamps
logo
NTE Electronics
8910 NTE-8910 Datasheet
14Kb / 1P
   50V CERAMIC DISC
logo
List of Unclassifed Man...
8910 ETC2-8910 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8910 ETC2-8910 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8910 ETC2-8910 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
More results

Similar Description - 8910B

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
3GHZ EMCORE-3GHZ Datasheet
983Kb / 6P
   Fiber Optic Links
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
Emcore Corporation
5100 EMCORE-5100 Datasheet
1Mb / 5P
   L-Band Fiber Optic Links
logo
Glenair, Inc.
180_091 GLENAIR-180_091 Datasheet
363Kb / 2P
   Fiber Optic Connection System
180-122-S7 GLENAIR-180-122-S7 Datasheet
301Kb / 2P
   Fiber Optic Connection System
logo
Broadcom Corporation.
AFBR-2310Z BOARDCOM-AFBR-2310Z Datasheet
557Kb / 7P
   Fiber-Optic Receiver for Multi GHz Analog Links
logo
Glenair, Inc.
180-122XW06-11-16A GLENAIR-180-122XW06-11-16A Datasheet
272Kb / 2P
   Fiber Optic Connection System
180-122-H7 GLENAIR-180-122-H7 Datasheet
354Kb / 2P
   Fiber Optic Connection System
180-122XW05-11-16A GLENAIR-180-122XW05-11-16A Datasheet
270Kb / 2P
   Fiber Optic Connection System
180-122XWS7-11-16A GLENAIR-180-122XWS7-11-16A Datasheet
244Kb / 2P
   Fiber Optic Connection System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com