Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8810A Datasheet(PDF) 10 Page - Emcore Corporation

Part # 8810A
Description  System 8000 Fiber-Optic Interfacility Links
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

8810A Datasheet(HTML) 10 Page - Emcore Corporation

Back Button 8810A Datasheet HTML 6Page - Emcore Corporation 8810A Datasheet HTML 7Page - Emcore Corporation 8810A Datasheet HTML 8Page - Emcore Corporation 8810A Datasheet HTML 9Page - Emcore Corporation 8810A Datasheet HTML 10Page - Emcore Corporation 8810A Datasheet HTML 11Page - Emcore Corporation 8810A Datasheet HTML 12Page - Emcore Corporation 8810A Datasheet HTML 13Page - Emcore Corporation 8810A Datasheet HTML 14Page - Emcore Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
ORTEL a Division of EMCORE
Data Sheet, Rev. 0
System 8000 Fiber-Optic Interfacility Links
March 6, 2003
C-Band, Extended C-Band, X-Band, and Ku-Band Interfacility Link Specifications
(continued)
Typical X-Band Performance (continued)
Table 12. X-Band Specifications: 8850A Tx and 8860A Rx (6 dB Optical Loss Budget)
Parameter
Symbol
Input Amp
Fiber-Optic
Link
Output Amp
System
(without RSU)
Unit
Min
Max
Typ
Min
Max
Min
Max
Gain
G
20
30
–43
8
18
–15
5
dB
Noise Figure
NF
18
10
55
8
6
36
26
dB
Output TOI
26
25
–18
15
21
–7
–2
dB
Table 13. Sample Link Analysis: Downlink GT
Parameter
Specification
Unit
Frequency
7.75
GHz
Total Power Flux Density
–120
dBW/m2
Antenna Diameter
11.6
m
Antenna Efficiency
70
%
Antenna Temperature
30
°K
Feed Loss
0.2
dB
LNA Gain
50
dB
LNA Temperature
50
°K
Cable Loss into IFL
6
dB
Total Power into IFL
–2.9
dBm
Fiber-optic IFL Gain
11.5
dBm
Fiber-optic IFL Noise Figure
25.1
dB
IFL Two-Tone Third IM
–44.1
dBc
Output Loss (Splitter)
NA
Downconverter Input Channel
–28.3
dBm
Downconverter Noise Figure
17
dB
System G/T
37.37
dB/
°K
G/T Without Fiber-optic IFL
37.53
dB/
°K


Similar Part No. - 8810A

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
8810A FUMAN-8810A Datasheet
150Kb / 1P
   N-channel power MOS field effect tube
More results

Similar Description - 8810A

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
3GHZ EMCORE-3GHZ Datasheet
983Kb / 6P
   Fiber Optic Links
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
Emcore Corporation
5100 EMCORE-5100 Datasheet
1Mb / 5P
   L-Band Fiber Optic Links
logo
Glenair, Inc.
180_091 GLENAIR-180_091 Datasheet
363Kb / 2P
   Fiber Optic Connection System
180-122-S7 GLENAIR-180-122-S7 Datasheet
301Kb / 2P
   Fiber Optic Connection System
logo
Broadcom Corporation.
AFBR-2310Z BOARDCOM-AFBR-2310Z Datasheet
557Kb / 7P
   Fiber-Optic Receiver for Multi GHz Analog Links
logo
Glenair, Inc.
180-122XW06-11-16A GLENAIR-180-122XW06-11-16A Datasheet
272Kb / 2P
   Fiber Optic Connection System
180-122-H7 GLENAIR-180-122-H7 Datasheet
354Kb / 2P
   Fiber Optic Connection System
180-122XW05-11-16A GLENAIR-180-122XW05-11-16A Datasheet
270Kb / 2P
   Fiber Optic Connection System
180-122XWS7-11-16A GLENAIR-180-122XWS7-11-16A Datasheet
244Kb / 2P
   Fiber Optic Connection System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com