Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2651E-045-066-N Datasheet(PDF) 4 Page - Emcore Corporation

Part # 2651E-045-066-N
Description  Broadband Photodiode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2651E-045-066-N Datasheet(HTML) 4 Page - Emcore Corporation

  2651E-045-066-N Datasheet HTML 1Page - Emcore Corporation 2651E-045-066-N Datasheet HTML 2Page - Emcore Corporation 2651E-045-066-N Datasheet HTML 3Page - Emcore Corporation 2651E-045-066-N Datasheet HTML 4Page - Emcore Corporation 2651E-045-066-N Datasheet HTML 5Page - Emcore Corporation 2651E-045-066-N Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DATASHEET | FEBRUARY 2012
FIBER OPTICS
| REV 2012.02
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Fiber Length
Plastic Mounting Bracket (Dimensions are in mm)
2651A/2651E Broadband Photodiode
115 + 15 cm
60 + 2 cm
47 + 2 cm
38 + 2 cm
Conn
115 + 15 cm
60 + 2 cm
47 + 2 cm
38 + 2 cm
Conn
With Bracket
Without Bracket
With Bracket
Without Bracket


Similar Part No. - 2651E-045-066-N

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2651E-045-060-B EMCORE-2651E-045-060-B Datasheet
528Kb / 6P
   Broadband Photodiode
2651E-045-060-M EMCORE-2651E-045-060-M Datasheet
528Kb / 6P
   Broadband Photodiode
2651E-045-060-N EMCORE-2651E-045-060-N Datasheet
528Kb / 6P
   Broadband Photodiode
2651E-045-060-N EMCORE-2651E-045-060-N Datasheet
348Kb / 6P
   2651A/2651E Broadband Photodiode
More results

Similar Description - 2651E-045-066-N

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2651A-020-038-N EMCORE-2651A-020-038-N Datasheet
528Kb / 6P
   Broadband Photodiode
2611A EMCORE-2611A Datasheet
874Kb / 4P
   Broadband Photodiode Module
2609B EMCORE-2609B Datasheet
938Kb / 4P
   Broadband Photodiode Module
logo
Agere Systems
2609C AGERE-2609C Datasheet
49Kb / 4P
   2609C Broadband Photodiode Module
2611A AGERE-2611A Datasheet
49Kb / 4P
   2611A Broadband Photodiode Module
2650A AGERE-2650A Datasheet
57Kb / 4P
   2650A/B Broadband Photodiode
logo
Emcore Corporation
2651AE EMCORE-2651AE Datasheet
348Kb / 6P
   2651A/2651E Broadband Photodiode
logo
Agere Systems
2609B AGERE-2609B Datasheet
49Kb / 4P
   2609B Broadband Photodiode Module
logo
Roithner LaserTechnik G...
PD-1375-IP ROITHNER-PD-1375-IP Datasheet
71Kb / 2P
   photodiode
logo
EPIGAP optoelectronic G...
EPD-270-0-0.3-1 EPIGAP-EPD-270-0-0.3-1 Datasheet
192Kb / 2P
   Photodiode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com