Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8604A Datasheet(PDF) 4 Page - Emcore Corporation

Part # 8604A
Description  System 8000 Fiber-Optic Interfacility Links
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

8604A Datasheet(HTML) 4 Page - Emcore Corporation

  8604A Datasheet HTML 1Page - Emcore Corporation 8604A Datasheet HTML 2Page - Emcore Corporation 8604A Datasheet HTML 3Page - Emcore Corporation 8604A Datasheet HTML 4Page - Emcore Corporation 8604A Datasheet HTML 5Page - Emcore Corporation 8604A Datasheet HTML 6Page - Emcore Corporation 8604A Datasheet HTML 7Page - Emcore Corporation 8604A Datasheet HTML 8Page - Emcore Corporation 8604A Datasheet HTML 9Page - Emcore Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
ORTEL a Division of EMCORE
Data Sheet, Rev. 0
System 8000 Fiber-Optic Interfacility Links
March 6, 2003
70 MHz/140 MHz Interfacility Link Specification (continued),
Table 2. 70 MHz/140 MHz Interfacility Link: 8603A Tx and 8604A Rx, (0 km to 10 km)
Parameter
Symbol
Input Amp
Fiber-Optic Link
8063A
Output Amp
8064A
System
(without RSU)
Unit
Min
Max
Typ
Typ
Min
Max
Gain
G
12
21
–33 – 2 LOPT
21
–2 LOPT 9 – 2 LOPT
dB
Noise Figure
0 km
10 km
NF
17
8
45
59
4
34
47
25
38
dB
dB
dB
Output IP3
0 km, 0.5 dB LOPT
10 km, 5 dB LOPT
—30
30
–1
–11
26
15
7
15
7
dB
dB
dB
Table 3. 70 MHz/140 MHz Interfacility Link: 8603A-001 Tx and 8604A-002 Rx (10 km to 30 km);
8603A-001 Tx and 8604A Rx (25 km to 45 km);
8603A-002 Tx and 8604A-001 Rx (45 km to 70km)
Paramete
r
Symbol
Input Amp
Fiber-Optic Link
8063A-001/8603A-002
Fixed Output Amp
Typ
Unit
Min
Max
Typ
8604A-002
8604A
8604A-001
Gain
G
12
21
–10 – 2 LOPT
921
33
dB
Noise Fig.
NF
17
8
48
(10)
55
(30)
54
(25)
59
(45)
57
(40)
71
(65)
44
4
dB
(km)
OutPut IP3
30
8
26 – 2 LOPT
26
26
26
dBm


Similar Part No. - 8604A

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8604 FILTRAN-8604 Datasheet
176Kb / 2P
   Chokes Data Communication Circuits
logo
List of Unclassifed Man...
8604 ETC2-8604 Datasheet
320Kb / 1P
   HOLE PLUGS and BUSHINGS
logo
API Technologies Corp
8604 APITECH-8604 Datasheet
1Mb / 2P
   Data Communication Circuits
logo
Molex Electronics Ltd.
86040-0100 MOLEX-86040-0100 Datasheet
863Kb / 4P
   ESCON Connectors & Adapters
86040-0200 MOLEX-86040-0200 Datasheet
863Kb / 4P
   ESCON Connectors & Adapters
More results

Similar Description - 8604A

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
3GHZ EMCORE-3GHZ Datasheet
983Kb / 6P
   Fiber Optic Links
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
Emcore Corporation
5100 EMCORE-5100 Datasheet
1Mb / 5P
   L-Band Fiber Optic Links
logo
Glenair, Inc.
180_091 GLENAIR-180_091 Datasheet
363Kb / 2P
   Fiber Optic Connection System
180-122-S7 GLENAIR-180-122-S7 Datasheet
301Kb / 2P
   Fiber Optic Connection System
logo
Broadcom Corporation.
AFBR-2310Z BOARDCOM-AFBR-2310Z Datasheet
557Kb / 7P
   Fiber-Optic Receiver for Multi GHz Analog Links
logo
Glenair, Inc.
180-122XW06-11-16A GLENAIR-180-122XW06-11-16A Datasheet
272Kb / 2P
   Fiber Optic Connection System
180-122-H7 GLENAIR-180-122-H7 Datasheet
354Kb / 2P
   Fiber Optic Connection System
180-122XW05-11-16A GLENAIR-180-122XW05-11-16A Datasheet
270Kb / 2P
   Fiber Optic Connection System
180-122XWS7-11-16A GLENAIR-180-122XWS7-11-16A Datasheet
244Kb / 2P
   Fiber Optic Connection System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com