Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OT-CC-16-01 Datasheet(PDF) 2 Page - Emcore Corporation

Part # OT-CC-16-01
Description  Optiva SERIES Professional Media Transport
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

OT-CC-16-01 Datasheet(HTML) 2 Page - Emcore Corporation

  OT-CC-16-01 Datasheet HTML 1Page - Emcore Corporation OT-CC-16-01 Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Optiva® SERIES Professional Media Transport
OT-CC
Optiva Enclosures
Rev. December 21, 2010
19.00”
1.75”
19.10”
Outline Drawing
Copyright© 2010 Emcore Corporation
626 293 3400
626 293 3428
satcom-sales@emcore.com
www.emcore.com


Similar Part No. - OT-CC-16-01

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OT-CC-16 EMCORE-OT-CC-16 Datasheet
375Kb / 2P
   Optiva Fan Cooled Enclosures
OT-CC-16F-001 EMCORE-OT-CC-16F-001 Datasheet
375Kb / 2P
   Optiva Fan Cooled Enclosures
OT-CC-16F-002 EMCORE-OT-CC-16F-002 Datasheet
375Kb / 2P
   Optiva Fan Cooled Enclosures
OT-CC-16F-003 EMCORE-OT-CC-16F-003 Datasheet
375Kb / 2P
   Optiva Fan Cooled Enclosures
OT-CC-16F-XXX EMCORE-OT-CC-16F-XXX Datasheet
936Kb / 3P
   Wideband Optical Link
More results

Similar Description - OT-CC-16-01

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OTP-1DVI2A1D1KM EMCORE-OTP-1DVI2A1D1KM Datasheet
98Kb / 2P
   Media Transport
logo
Hynix Semiconductor
GDC21D301A HYNIX-GDC21D301A Datasheet
861Kb / 35P
   Transport Decoder
logo
Fujitsu Component Limit...
FLX600A FUJITSU-FLX600A Datasheet
66Kb / 2P
   SDH TRANSPORT
logo
MRV Communications, Inc...
EM316-2SFP MRV-EM316-2SFP Datasheet
154Kb / 2P
   Optical Transport Solutions
logo
Emcore Corporation
2801P-T-1310-ST EMCORE-2801P-T-1310-ST Datasheet
103Kb / 2P
   Multimode CATV Transport
logo
List of Unclassifed Man...
71030 ETC2-71030 Datasheet
3Mb / 1P
   Professional Tools for Professional Results
logo
Bud Industries, Inc.
SRP-8131 BUD-SRP-8131 Datasheet
128Kb / 1P
   SERVER RACK PROFESSIONAL SERIES
logo
Tyco Electronics
1623850-7 MACOM-1623850-7 Datasheet
72Kb / 1P
   PROFESSIONAL TRIMMERS SERIES 4290X
logo
Extech Instruments Corp...
MP530A EXTECH-MP530A Datasheet
279Kb / 1P
   MultiPro짰 Series Professional MultiMeters
logo
NXP Semiconductors
UM10569 PHILIPS-UM10569 Datasheet
330Kb / 15P
   Store and transport requirements
Rev. 3.00-9 March 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com