Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP484FS Datasheet(PDF) 9 Page - Analog Devices

Part # OP484FS
Description  Precision Rail-to-Rail Input & Output Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484FS Datasheet(HTML) 9 Page - Analog Devices

Back Button OP484FS Datasheet HTML 5Page - Analog Devices OP484FS Datasheet HTML 6Page - Analog Devices OP484FS Datasheet HTML 7Page - Analog Devices OP484FS Datasheet HTML 8Page - Analog Devices OP484FS Datasheet HTML 9Page - Analog Devices OP484FS Datasheet HTML 10Page - Analog Devices OP484FS Datasheet HTML 11Page - Analog Devices OP484FS Datasheet HTML 12Page - Analog Devices OP484FS Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. 0
–9–
OP184/OP284/OP484
30
0
1000
15
5
10
25
20
100
10
FREQUENCY – Hz
1
±2.5V ≤ V
S ≤ ±15V
TA = +25°C
Figure 29. Voltage Noise Density
vs. Frequency
10
0
1000
6
2
4
8
100
10
FREQUENCY – Hz
1
±2.5V ≤ V
S ≤ ±15V
TA = +25°C
Figure 30. Current Noise Density
vs. Frequency
SETTLING TIME – µs
5
–5
01
6
24
4
3
2
1
0
5
3
–1
–2
–3
–4
VS = +5V
TA = +25°C
0.1%
0.01%
Figure 31. Settling Time vs. Step Size
SETTLING TIME – µs
10
–10
01
6
24
8
6
4
2
0
5
3
–2
–4
–6
–8
VS = ±15V
TA = +25°C
0.1%
0.01%
Figure 32. Settling Time vs. Step Size
10
0%
100
90
1s
10mV
VS = ±15V
AV = 100k
en = 0.3µVp-p
Figure 33. 0.1 Hz to 10 Hz Noise
10
0%
100
90
1s
VS = +5V, 0V
AV = 100k
en = 0.3µVp-p
10mV
Figure 34. 0.1 Hz to 10 Hz Noise
FREQUENCY – Hz
100
100
120
160
60
–40
1k
100k
10M
20
0
–20
40
80
140
10k
1M
VS = ±15V
VS = +3V
TA = +25°C
Figure 35. Channel Separation
vs. Frequency
10
0%
100
90
1µs
100mV
VS = +5V
AV = 1
RL = OPEN
CL = 300pF
TA = +25°C
+400mV
0V
Figure 36. Small Signal Transient
Response
10
0%
100
90
1µs
100mV
VS = +5V
AV = 1
RL = 2kΩ
CL = 300pF
TA - +25°C
400mV
0V
Figure 37. Small Signal Transient
Response


Similar Part No. - OP484FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP484FS AD-OP484FS Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP484FS AD-OP484FS Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP484FS-REEL AD-OP484FS-REEL Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP484FS-REEL7 AD-OP484FS-REEL7 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP484FSZ AD-OP484FSZ Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
More results

Similar Description - OP484FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP484 AD-OP484_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8615 AD-AD8615 Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com