Electronic Components Datasheet Search |
|
NMOA8100GFF-XX08-4001 Datasheet(PDF) 2 Page - Emcore Corporation |
|
NMOA8100GFF-XX08-4001 Datasheet(HTML) 2 Page - Emcore Corporation |
2 / 4 page DATASHEET | DECEMBER 2011 FIBER OPTICS | REV 2011.12 Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice. Electrical Characteristics Property Symbol Min Typ Max Unit AC Power Supply Voltage VAC 85 265 VAC DC Power Supply Voltage VDC -36 -48 -72 VDC Power Consumption Note 1 PTOT 10 W Note 1: 10W valid at 0 dBm input and 14 dBm output power within specified operating temperature range. Optical Characteristics Property Symbol Min Typ Max Unit Wavelength Range VAC 1528 1550 1562 nm Input Power PIN -10 0 12 dBm Total Ouput Power Options Note 1 POUT 14 27 dBm Output Power Delta to Nominal POUT -0.5 0.5 dB Output Port Count Options (SC) Notes 1,2 - 1 10 Noise Figure Note 3 NF 5.0 dB Optical Isolation ISO 30 dB Input Power Alarm LOS -12 -11 -10 dBm Input Monitor Loss IMON 22.5 23.5 24.5 dB Output Monitor Loss OMON 19 20 21 dB Note 1: Total Output Power and Number of Ports varies by model type. Note 2: Model Types are specified by Output Power per Port. Note 3: Test Condition with Input Power = 0 dBm (@ 1550nm) Note 4: Specifications valid within operating temperature range. Absolute Maximum Ratings Property Symbol Min Typ Max Unit Operating Temperature Range TO 0 50 oC Storage temperature Range TS -40 85 oC Relative Humidity H 0 95 % NMOA8100 Series Erbium Doped Fiber Amplifier |
Similar Part No. - NMOA8100GFF-XX08-4001 |
|
Similar Description - NMOA8100GFF-XX08-4001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |