Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMOA8100CGA-XX01-5001 Datasheet(PDF) 1 Page - Emcore Corporation

Part # NMOA8100CGA-XX01-5001
Description  Erbium Doped Fiber Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

NMOA8100CGA-XX01-5001 Datasheet(HTML) 1 Page - Emcore Corporation

  NMOA8100CGA-XX01-5001 Datasheet HTML 1Page - Emcore Corporation NMOA8100CGA-XX01-5001 Datasheet HTML 2Page - Emcore Corporation NMOA8100CGA-XX01-5001 Datasheet HTML 3Page - Emcore Corporation NMOA8100CGA-XX01-5001 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATASHEET | DECEMBER 2011
FIBER OPTICS
| REV 2011.12
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
CATV Supertrunking
High Power Distribution Networks
Redundant Ring Architectures
FTTx Networks
Features
High Saturation Output Power up to
27dbm
Dual Power Supplies, Redundant &
Hot Swappable – AC or DC
Front Panel Optical Input & Output
Monitor Ports
SNMPv2 Control Interface
Low Noise Figure for CATV
Wide Input Dynamic Range
Very Stable Output Power Over a Wide
Operating Temperature Range
Optional Automatic Gain Control or
Constant Output Power Opertion
Optional Gain Flatness Specifications
NMOA8100 Series
This product line is a family of state-of-the-art high performance CATV erbium doped
fiber amplifiers (EDFA). Packaged in convenient 1RU housing, this line of fiber
amplifiers uses the latest DSP technology at the core of electrical control circuitry
resulting in superior output power stability & exceptionally low noise figures demanded
by CATV applications.
The NMOA8100 provides very stable optical outputs over a wide operating
temperature range. Internally it is supported with input and output isolators for
enhanced system stability and performance. Optical power is continuously monitored
at the input and output for automatic power control during operation over a wide
operating temperature range.
The NMOA8100 offers a rich set of features. These include remote management
capability through SNMPv2 and telnet. The NMOA8100 also supports MIBs specified
by SCTE (Society of Cable Television Engineers) for this product class. Additionally,
the front panel’s LCD and button provides the operator with the option to both monitor
the status of the amplifier and control/operate the amplifier locally.
High Level Features
Automatic Power Control and/or Automatic Gain Control Modes
Port Count, Optical Power, and Connector Style Options
Gain Flattened Options for WDM Applications
Monitors & Alarms
Loss of Input Signal
Loss of Output Power
Pump Laser Diode Bias Current
Pump LD Temperature
Case Temperature
Redundant Power Supplies
Redundant Fans
NMOA8100 Series Erbium Doped Fiber Amplifier


Similar Part No. - NMOA8100CGA-XX01-5001

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
NMOA8100-XX01-1001 EMCORE-NMOA8100-XX01-1001 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
NMOA8100-XX01-1002 EMCORE-NMOA8100-XX01-1002 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
NMOA8100-XX01-1003 EMCORE-NMOA8100-XX01-1003 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
NMOA8100-XX01-1004 EMCORE-NMOA8100-XX01-1004 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
More results

Similar Description - NMOA8100CGA-XX01-5001

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
logo
Emcore Corporation
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
logo
Ericsson
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com