Electronic Components Datasheet Search |
|
NMOA8100GFF-XX01-5011 Datasheet(PDF) 1 Page - Emcore Corporation |
|
NMOA8100GFF-XX01-5011 Datasheet(HTML) 1 Page - Emcore Corporation |
1 / 4 page DATASHEET | DECEMBER 2011 FIBER OPTICS | REV 2011.12 Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice. Applications CATV Supertrunking High Power Distribution Networks Redundant Ring Architectures FTTx Networks Features High Saturation Output Power up to 27dbm Dual Power Supplies, Redundant & Hot Swappable – AC or DC Front Panel Optical Input & Output Monitor Ports SNMPv2 Control Interface Low Noise Figure for CATV Wide Input Dynamic Range Very Stable Output Power Over a Wide Operating Temperature Range Optional Automatic Gain Control or Constant Output Power Opertion Optional Gain Flatness Specifications NMOA8100 Series This product line is a family of state-of-the-art high performance CATV erbium doped fiber amplifiers (EDFA). Packaged in convenient 1RU housing, this line of fiber amplifiers uses the latest DSP technology at the core of electrical control circuitry resulting in superior output power stability & exceptionally low noise figures demanded by CATV applications. The NMOA8100 provides very stable optical outputs over a wide operating temperature range. Internally it is supported with input and output isolators for enhanced system stability and performance. Optical power is continuously monitored at the input and output for automatic power control during operation over a wide operating temperature range. The NMOA8100 offers a rich set of features. These include remote management capability through SNMPv2 and telnet. The NMOA8100 also supports MIBs specified by SCTE (Society of Cable Television Engineers) for this product class. Additionally, the front panel’s LCD and button provides the operator with the option to both monitor the status of the amplifier and control/operate the amplifier locally. High Level Features Automatic Power Control and/or Automatic Gain Control Modes Port Count, Optical Power, and Connector Style Options Gain Flattened Options for WDM Applications Monitors & Alarms Loss of Input Signal Loss of Output Power Pump Laser Diode Bias Current Pump LD Temperature Case Temperature Redundant Power Supplies Redundant Fans NMOA8100 Series Erbium Doped Fiber Amplifier |
Similar Part No. - NMOA8100GFF-XX01-5011 |
|
Similar Description - NMOA8100GFF-XX01-5011 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |