Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9124 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9124
Description  N Male to C Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9124 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9124 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9124 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9124 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-male-c-female-straight-adapter-pe9124-p.aspx
N Male to C FemaleAdapter from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF,
microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
N Male to C Female Adapter
PE9124
PE9124 REV


Similar Part No. - PE9124

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91240 PASTERNACK-PE91240 Datasheet
355Kb / 3P
   TNC Male to TNC Female Adapter IP67 UnMated
PE91241 PASTERNACK-PE91241 Datasheet
353Kb / 3P
   TNC Female to TNC Female Adapter IP67 UnMated
PE91242 PASTERNACK-PE91242 Datasheet
361Kb / 3P
   Bulkhead TNC Female to TNC Female Adapter IP67 UnMated
PE91243 PASTERNACK-PE91243 Datasheet
360Kb / 3P
   7 - 16 DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 UnMated
PE91244 PASTERNACK-PE91244 Datasheet
359Kb / 3P
   7 - 16 DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
More results

Similar Description - PE9124

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9295 PASTERNACK-PE9295 Datasheet
246Kb / 2P
   N Female to C Male Adapter
PE9239 PASTERNACK-PE9239 Datasheet
240Kb / 2P
   N Male to C Female Right Angle Adapter
PE9538 PASTERNACK-PE9538 Datasheet
247Kb / 2P
   N Male to C Male Adapter
PE9539 PASTERNACK-PE9539 Datasheet
239Kb / 2P
   N Female to C Female Adapter
PE9109 PASTERNACK-PE9109 Datasheet
235Kb / 2P
   BNC Male to C Female Adapter
PE9087 PASTERNACK-PE9087 Datasheet
253Kb / 3P
   BNC Female to C Male Adapter
PE9564 PASTERNACK-PE9564 Datasheet
254Kb / 2P
   TNC Female to C Male Adapter
PE9109 PASTERNACK-PE9109 Datasheet
235Kb / 2P
   BNC Male to C Female Adapter
logo
IOGEAR
G2LU3CMF IOGEAR-G2LU3CMF Datasheet
128Kb / 2P
   USB-C Male to Female Adapter
logo
Pasternack Enterprises,...
PE9212 PASTERNACK-PE9212 Datasheet
235Kb / 2P
   HN Female to C Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com