Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE35591-72 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE35591-72
Description  2.92mm Male to 2.92mm Male Precision Cable 72 Inch Length Using 095 Series Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35591-72 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE35591-72 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE35591-72 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE35591-72 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE35591-72 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
© 2013 Pasternack Enterprises All Rights Reserved
PE35591-72 REV
2.92mm Male to 2.92mm Male Precision Cable 72 Inch
Length Using 095 Series Coax, RoHS
PE35591-72 CAD Drawing


Similar Part No. - PE35591-72

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35591-12 PASTERNACK-PE35591-12 Datasheet
235Kb / 4P
   2.92mm Male to 2.92mm Male Precision Cable 12 Inch Length Using 095 Series Coax, RoHS
PE35591-12 PASTERNACK-PE35591-12 Datasheet
235Kb / 4P
   2.92mm Male to 2.92mm Male Precision
PE35591-18 PASTERNACK-PE35591-18 Datasheet
236Kb / 4P
   2.92mm Male to 2.92mm Male Precision Cable 18 Inch Length Using 095 Series Coax, RoHS
PE35591-24 PASTERNACK-PE35591-24 Datasheet
235Kb / 4P
   2.92mm Male to 2.92mm Male Precision Cable 24 Inch Length Using 095 Series Coax, RoHS
PE35591-24 PASTERNACK-PE35591-24 Datasheet
235Kb / 4P
   2.92mm Male to 2.92mm Male Precision
More results

Similar Description - PE35591-72

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35591-18 PASTERNACK-PE35591-18 Datasheet
236Kb / 4P
   2.92mm Male to 2.92mm Male Precision Cable 18 Inch Length Using 095 Series Coax, RoHS
PE35591-24 PASTERNACK-PE35591-24 Datasheet
235Kb / 4P
   2.92mm Male to 2.92mm Male Precision Cable 24 Inch Length Using 095 Series Coax, RoHS
PE35591-60 PASTERNACK-PE35591-60 Datasheet
229Kb / 4P
   2.92mm Male to 2.92mm Male Precision Cable 60 Inch Length Using 095 Series Coax, RoHS
PE35591-6 PASTERNACK-PE35591-6 Datasheet
235Kb / 4P
   2.92mm Male to 2.92mm Male Precision Cable 6 Inch Length Using 095 Series Coax, RoHS
PE35591-30 PASTERNACK-PE35591-30 Datasheet
235Kb / 4P
   2.92mm Male to 2.92mm Male Precision Cable 30 Inch Length Using 095 Series Coax, RoHS
PE35591-12 PASTERNACK-PE35591-12 Datasheet
235Kb / 4P
   2.92mm Male to 2.92mm Male Precision Cable 12 Inch Length Using 095 Series Coax, RoHS
PE35591-48 PASTERNACK-PE35591-48 Datasheet
229Kb / 4P
   2.92mm Male to 2.92mm Male Precision Cable 48 Inch Length Using 095 Series Coax, RoHS
PE35591-36 PASTERNACK-PE35591-36 Datasheet
235Kb / 4P
   2.92mm Male to 2.92mm Male Precision Cable 36 Inch Length Using 095 Series Coax, RoHS
PE35606-72 PASTERNACK-PE35606-72 Datasheet
230Kb / 3P
   2.92mm Male to 2.4mm Male Precision Cable 72 Inch Length Using 095 Series Coax, RoHS
PE35606-6 PASTERNACK-PE35606-6 Datasheet
230Kb / 3P
   2.92mm Male to 2.4mm Male Precision Cable 6 Inch Length Using 095 Series Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com